Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4812LT-3W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # WRB4812LT-3W
Description  SINGLE/DUAL OUTPUT DC/DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB4812LT-3W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  WRB4812LT-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB4812LT-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB4812LT-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
WRA_LT_3W & WRB_LT_3W
A/2-2009
Page 3 of 3
OUTLINE AND SOLDER PAD DIMENSIONS
1
8
7
9
10
NC
Vin
GND
-Vo
+Vo
0V
16
NC
Vin
GND
0V
+Vo
NC
3.04[0.120]
23.86[0.939]
15.24[0.600]
2.54[0.100]
0.50[0.020]
1.02[0.040]
0.25[0.010]
1.40[0.055]
20.70[0.815]
13.80[0.543]
10.00[0.394]
0.60[0.024]
2.54[0.100]
1.00[0.039]
16
109
1
78
16
109
1
78
Pin
Single
Dual
FOOTPRINT DETAILS
Note:
Unit:m m[inch]
Pin section tolerances: 0.10mm[ 0.004inch]
General tolerances: 0.25mm [ 0.010inch]
±±
±±
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE DUTLINE DIMENSIONS
DUAL/SINGLE OUTPUT
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Tube Quantity: 21pcs
L=220mm[8.661inch]
Tube Quantity: 8pcs
(Top View)
(Side View)
NC: No connection
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not dam age the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - WRB4812LT-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB4812LT-3WR2 MORNSUN-WRB4812LT-3WR2 Datasheet
746Kb / 6P
   SINGLE OUTPUT DC/DC CONVERTER
More results

Similar Description - WRB4812LT-3W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com