Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2412T-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRB2412T-3W
Description  3W SINGLE OUTPUT DC/DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB2412T-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRB2412T-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB2412T-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 2 of 2
COMMON SPECIFICATIONS
Output Short Circuit Protection
Continuous ,Automatic Recovery
Temperature Rise at Full Load
15°C (TYP) 35°C(max)
Cooling
Free Air Convection
Operating Temperature Range
-40°C~+85°C
Storage Temperature Range
-50°C ~+125°C
Lead Temperature***
245°C Max. (10sec)
Storage Humidity Range
≤ 95%
MTBF
>1,000,000 hours
Note: 217
(
70 sec)
TYPICAL CHARECTERISTICS
Operating Temp.( )
C
Temperature Derating Graph
FOOTPRINT DETAILS
123
9 101 112
242 32 2
1615141 3
22,23
2,3
14
16
Oth ers
Vin
GND
+Vo
0V
NC
(Top Vie w)
Pin
Function
OUTLINE DIMENSIONS
(Top View)
R1.5
[R0.06]
1.5
[0.06]
2.5
[0.10]
32.5
[1.28]
27.9
[1.10]
0.3
[0.01]
8.0
[0.31]
7.5
[0.30]
Note: Unit: mm(inch); Tolerance:
±0.25mm.
APPLICATION NOTE
Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the
specified range of input voltage is not exceeded, the minimum output load no less than 10%
full load,
If the actual load is less than the specified minimum load, the output ripple may
increase sharply. If the actual output power is very small, please add an appropriate resistor as
extra loading,or contact our company for other lower output power products.
Recommended Circuit
All the WRB_T-3W Series have been tested
according to the following recommended testing
circuit before leaving factory. This series should
be tested under load(Figure 1).
DC
DC
Vin
GND
Vout
0V
Cin
If you want to further decrease the input/output
ripple, you can increase capacitance properly or
choose capacitors with low ESR. However, the
capacitance should not be too high(Table 1)
External Capacitor Table(Table 1)
Vin
Cin
Cout
(0~70 )
Cout
(-40~85 )
5V&12V
100uF
24V&48V
22uF
100uF
(electrolytic
capacitor)
47uF
(tantalum
capacitor)
Recommended Reflow Soldering Profil
e
Input Current
Nominal input voltage range.The input current
of the power supply must be sufficient to the
startup current (Ip) of the DC/DC module (Figure
2)
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.


Similar Part No. - WRB2412T-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB2412CKS-1W MORNSUN-WRB2412CKS-1W Datasheet
156Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
WRB2412CS-1W MORNSUN-WRB2412CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2412CS-2W MORNSUN-WRB2412CS-2W Datasheet
277Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2412CS-3W MORNSUN-WRB2412CS-3W Datasheet
126Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2412D-10W MORNSUN-WRB2412D-10W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB2412T-3W

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPU03 MEANWELL-SPU03_12 Datasheet
184Kb / 1P
   3W DC-DC Unregulated Single Output Converter
logo
List of Unclassifed Man...
FDD03-05S ETC1-FDD03-05S Datasheet
447Kb / 4P
   DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
logo
DENSEI-LAMBDA
PV3 LAMBDA-PV3 Datasheet
128Kb / 2P
   Single in-line DC-DC converter Single output 1.5W/3W
PVD3 LAMBDA-PVD3 Datasheet
128Kb / 2P
   Single in-line DC-DC converter Single output 1.5W/3W?
logo
Superworld Electronics
SW3R24S03WF SUPERWORLD-SW3R24S03WF Datasheet
198Kb / 2P
   3W Wide Input Single & Dual Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com