Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E767161VGS122MQ79C Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # E767161VGS122MQ79C
Description  Large Tubulars
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767161VGS122MQ79C Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

  E767161VGS122MQ79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767161VGS122MQ79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
160 Volts
200 Volts Surge
200 Volts
250 Volts Surge
250 Volts
300 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/8
U767D Series
120
E767161VGS121MT29C
0.750
1.125
T29
283.9
327.4
4.4
180
E767161VGS181MT35C
0.750
1.375
T35
236.8
273.0
5.1
220
E767161VGS221MT41C
0.750
1.625
T41
189.6
218.6
5.9
390
E767161VGS391MT54C
0.750
2.125
T54
140.3
161.8
7.7
470
E767161VGS471MT67C
0.750
2.625
T67
87.1
100.5
9.9
680
E767161VGS681MT79C
0.750
3.125
T79
67.3
77.6
11.5
150
E767161VGS151MP29C
0.875
1.125
P29
186.6
215.2
5.7
270
E767161VGS271MP35C
0.875
1.375
P35
142.7
164.6
6.9
330
E767161VGS331MP41C
0.875
1.625
P41
98.6
113.7
8.5
560
E767161VGS561MP54C
0.875
2.125
P54
75.7
87.3
10.5
680
E767161VGS681MP67C
0.875
2.625
P67
55.0
63.4
13.0
820
E767161VGS821MP79C
0.875
3.125
P79
42.4
48.9
15.6
220
E767161VGS221MQ29C
1.000
1.125
Q29
143.6
165.6
6.8
391
E767161VGS391MQ35C
1.000
1.375
Q35
110.9
127.9
8.1
560
E767161VGS561MQ41C
1.000
1.625
Q41
78.1
90.1
10.0
820
E767161VGS821MQ54C
1.000
2.125
Q54
60.7
70.0
12.3
1,000
E767161VGS102MQ67C
1.000
2.625
Q67
48.4
55.8
14.5
1,200
E767161VGS122MQ79C
1.000
3.125
Q79
37.9
43.7
16.8
1,500
E767161VGS152MQ92C
1.000
3.625
Q92
31.9
36.7
19.6
68
E767201VGS680MT29C
0.750
1.125
T29
792.4
871.6
2.7
120
E767201VGS121MT35C
0.750
1.375
T35
660.7
726.8
3.1
150
E767201VGS151MT41C
0.750
1.625
T41
529.1
582.0
3.6
220
E767201VGS221MT54C
0.750
2.125
T54
391.6
430.7
4.7
330
E767201VGS331MT67C
0.750
2.625
T67
243.2
267.5
6.1
390
E767201VGS391MT79C
0.750
3.125
T79
187.8
206.6
7.1
100
E767201VGS101MP29C
0.875
1.125
P29
520.7
572.8
3.5
180
E767201VGS181MP35C
0.875
1.375
P35
398.3
438.1
4.2
220
E767201VGS221MP41C
0.875
1.625
P41
275.0
302.5
5.2
330
E767201VGS331MP54C
0.875
2.125
P54
211.3
232.4
6.4
470
E767201VGS471MP67C
0.875
2.625
P67
153.4
168.8
8.0
560
E767201VGS561MP79C
0.875
3.125
P79
118.2
130.0
9.6
150
E767201VGS151MQ29C
1.000
1.125
Q29
400.8
440.9
4.2
270
E767201VGS271MQ35C
1.000
1.375
Q35
309.4
340.3
5.0
330
E767201VGS331MQ41C
1.000
1.625
Q41
218.0
239.8
6.1
470
E767201VGS471MQ54C
1.000
2.125
Q54
169.4
186.3
7.5
680
E767201VGS681MQ67C
1.000
2.625
Q67
135.0
148.5
8.9
820
E767201VGS821MQ79C
1.000
3.125
Q79
105.6
116.2
10.3
1,000
E767201VGS102MQ92C
1.000
3.625
Q92
88.9
97.8
12.0
47
E767251VGS470MT29C
0.750
1.125
T29
792.4
871.6
2.7
68
E767251VGS680MT35C
0.750
1.375
T35
660.7
726.8
3.1
100
E767251VGS101MT41C
0.750
1.625
T41
529.1
582.0
3.6
150
E767251VGS151MT54C
0.750
2.125
T54
391.6
430.7
4.7
180
E767251VGS181MT67C
0.750
2.625
T67
243.2
267.5
6.1
270
E767251VGS271MT79C
0.750
3.125
T79
187.8
206.6
7.1
68
E767251VGS680MP29C
0.875
1.125
P29
520.7
572.8
3.5
120
E767251VGS121MP35C
0.875
1.375
P35
398.3
438.1
4.2
150
E767251VGS151MP41C
0.875
1.625
P41
275.0
302.5
5.2
220
E767251VGS221MP54C
0.875
2.125
P54
211.3
232.4
6.4
330
E767251VGS331MP67C
0.875
2.625
P67
153.4
168.8
8.0
390
E767251VGS391MP79C
0.875
3.125
P79
118.2
130.0
9.6
100
E767251VGS101MQ29C
1.000
1.125
Q29
400.8
440.9
4.2
150
E767251VGS151MQ35C
1.000
1.375
Q35
309.4
340.3
5.0
220
E767251VGS221MQ41C
1.000
1.625
Q41
218.0
239.8
6.1
330
E767251VGS331MQ54C
1.000
2.125
Q54
169.4
186.3
7.5
390
E767251VGS391MQ67C
1.000
2.625
Q67
135.0
148.5
8.9
560
E767251VGS561MQ79C
1.000
3.125
Q79
105.6
116.2
10.3
680
E767251VGS681MQ92C
1.000
3.625
Q92
88.9
97.8
12.0
Engineering Bulletin Mar 07
Standard Voltage Ratings - Large Tubulars
Rated
Voltage
(WVDC)
Capacitance
(µF )
Global
Part Number
Nominal
Case Size*
D
L (inches)
Case
Size
Code
Rated
Ripple Current
(A rms) at
85 C, 20kHz
Maximum
Impedance
(m
Ω) at
25 C, 100kHz
Maximum
ESR
(m
Ω) at 25 C
20k-100kHz
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - E767161VGS122MQ79C

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E76 GILWAY-E76 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Keysight Technologies
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7630A KEYSIGHT-E7630A Datasheet
1Mb / 10P
   UXM Wireless Test Set
More results

Similar Description - E767161VGS122MQ79C

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E7876R3VGS332MT29C CHEMI-CON-E7876R3VGS332MT29C Datasheet
134Kb / 7P
   Large Tubulars
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com