Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMM251VSN331MR20T Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # ESMM251VSN331MR20T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM251VSN331MR20T Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  ESMM251VSN331MR20T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM251VSN331MR20T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
180 Volts
225 Volts Surge
160 Volts
200 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/11
SMM Series
270
ESMM161VSN271MN25T
20
25
N25
0.921
1.28
330
ESMM161VSN331MN25T
20
25
N25
0.753
1.55
390
ESMM161VSN391MN30T
20
30
N30
0.638
1.63
470
ESMM161VSN471MN30T
20
30
N30
0.529
1.9
560
ESMM161VSN561MN35T
20
35
N35
0.444
2.14
680
ESMM161VSN681MN40T
20
40
N40
0.366
2.35
820
ESMM161VSN821MN45T
20
45
N45
0.303
2.64
270
ESMM161VSN271MP20T
22
20
P20
0.921
1.3
390
ESMM161VSN391MP25T
22
25
P25
0.638
1.63
470
ESMM161VSN471MP30T
22
30
P30
0.529
1.86
560
ESMM161VSN561MP30T
22
30
P30
0.444
2.15
680
ESMM161VSN681MP35T
22
35
P35
0.366
2.35
820
ESMM161VSN821MP40T
22
40
P40
0.303
2.68
1,000
ESMM161VSN102MP45T
22
45
P45
0.249
3.02
1,200
ESMM161VSN122MP50T
22
50
P50
0.207
3.47
390
ESMM161VSN391MQ20T
25.4
20
Q20
0.638
1.62
470
ESMM161VSN471MQ25T
25.4
25
Q25
0.529
1.86
560
ESMM161VSN561MQ25T
25.4
25
Q25
0.444
2.15
680
ESMM161VSN681MQ30T
25.4
30
Q30
0.366
2.33
820
ESMM161VSN821MQ30T
25.4
30
Q30
0.303
2.65
1,000
ESMM161VSN102MQ35T
25.4
35
Q35
0.249
3.0
1,200
ESMM161VSN122MQ40T
25.4
40
Q40
0.207
3.43
1,500
ESMM161VSN152MQ50T
25.4
50
Q50
0.166
3.96
560
ESMM161VSN561MR20T
30
20
R20
0.444
2.05
680
ESMM161VSN681MR25T
30
25
R25
0.366
2.33
820
ESMM161VSN821MR25T
30
25
R25
0.303
2.64
1,000
ESMM161VSN102MR30T
30
30
R30
0.249
2.96
1,200
ESMM161VSN122MR30T
30
30
R30
0.207
3.41
1,500
ESMM161VSN152MR35T
30
35
R35
0.166
3.96
1,800
ESMM161VSN182MR40T
30
40
R40
0.138
4.31
2,200
ESMM161VSN222MR50T
30
50
R50
0.113
4.96
680
ESMM161VSN681MA20T
35
20
A20
0.366
2.26
820
ESMM161VSN821MA20T
35
20
A20
0.303
2.49
1,000
ESMM161VSN102MA25T
35
25
A25
0.249
3.13
1,200
ESMM161VSN122MA25T
35
25
A25
0.207
3.4
1,500
ESMM161VSN152MA30T
35
30
A30
0.166
3.94
1,800
ESMM161VSN182MA35T
35
35
A35
0.138
4.28
2,200
ESMM161VSN222MA40T
35
40
A40
0.113
4.96
2,700
ESMM161VSN272MA45T
35
45
A45
0.092
5.57
3,300
ESMM161VSN332MA50T
35
50
A50
0.075
6.21
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
270
ESMM181VSN271MN25T
20
25
N25
0.921
1.29
330
ESMM181VSN331MN30T
20
30
N30
0.753
1.77
390
ESMM181VSN391MN30T
20
30
N30
0.638
1.84
470
ESMM181VSN471MN35T
20
35
N35
0.529
1.91
560
ESMM181VSN561MN40T
20
40
N40
0.444
2.15
680
ESMM181VSN681MN45T
20
45
N45
0.366
2.41
820
ESMM181VSN821MN50T
20
50
N50
0.303
2.72
220
ESMM181VSN221MP20T
22
20
P20
1.13
1.18
330
ESMM181VSN331MP25T
22
25
P25
0.753
1.77
390
ESMM181VSN391MP25T
22
25
P25
0.638
1.84
470
ESMM181VSN471MP30T
22
30
P30
0.529
1.91
560
ESMM181VSN561MP35T
22
35
P35
0.444
2.25
680
ESMM181VSN681MP35T
22
35
P35
0.366
2.48
820
ESMM181VSN821MP40T
22
40
P40
0.303
2.86
1,000
ESMM181VSN102MP50T
22
50
P50
0.249
3.1
330
ESMM181VSN331MQ20T
25.4
20
Q20
0.753
1.49
470
ESMM181VSN471MQ25T
25.4
25
Q25
0.529
2.08
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMM251VSN331MR20T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM251VSN331MR20T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com