Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA0512ZP-3W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRA0512ZP-3W
Description  DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA0512ZP-3W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRA0512ZP-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA0512ZP-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_ZP-3W & WRB_ZP-3W
A/1-2008
Page 1 of 2
WRA_ZP-3W & WRB_ZP-3W Series
3W, WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal Range
Max*
Voltage
(VDC)
Max
Min
Effiecincy
(%, Typ)
WRA0505ZP-3W
±5
±300
±30
68
WRA0509ZP-3W
±9
±166
±16
70
WRA0512ZP-3W
±12
±125
±12
71
WRA0515ZP-3W
±15
±100
±10
71
WRB0503ZP-2W
3.3
600
60
65
WRB0505ZP-3W
5
600
60
68
WRB0512ZP-3W
12
250
25
71
WRB0515ZP-3W
5
4.5-9
11
15
200
20
71
WRA1205ZP-3W
±5
±300
±30
76
WRA1209ZP-3W
±9
±166
±16
78
WRA1212ZP-3W
±12
±125
±12
79
WRA1215ZP-3W
±15
±100
±10
80
WRB1203ZP-2W
3.3
600
60
71
WRB1205ZP-3W
5
600
60
76
WRB1212ZP-3W
12
250
25
79
WRB1215ZP-3W
12
9-18
22
15
200
20
80
WRA2405ZP-3W
±5
±300
±30
78
WRA2409ZP-3W
±9
±166
±16
79
WRA2412ZP-3W
±12
±125
±12
80
WRA2415ZP-3W
±15
±100
±10
81
WRB2403ZP-3W
3.3
909
90
76
WRB2405ZP-3W
5
600
60
78
WRB2412ZP-3W
12
250
25
81
WRB2415ZP-3W
24
18-36
40
15
200
20
82
WRA4805ZP-3W
±5
±300
±30
78
WRA4809ZP-3W
±9
±166
±16
79
WRA4812ZP-3W
±12
±125
±12
80
WRA4815ZP-3W
±15
±100
±10
81
WRB4803ZP-3W
3.3
909
90
76
WRB4805ZP-3W
5
600
60
78
WRB4812ZP-3W
12
250
25
80
WRB4815ZP-3W
48
36-72
80
15
200
20
81
*Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification
listed.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1 mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Wide (2:1) Input Range
Operating Temperature:-40 to +85
°C
Short circuit protection(automatic recovery)
1500VDC Isolation
Internal SMD construction
Metal Shielding Package
No Heat Sink Required
Industry Standard Pinout
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The WRB_ZP-3W &WRA_ZP-3W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board. These
products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤ 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
WRB0512ZP-3W
Produ ct S eries
Input Voltage
Output Voltage
Packag e Style
Ra ted Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
Isolation capacitance Input/Output
85
pF


Similar Part No. - WRA0512ZP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA0512ZP-3WR2 MORNSUN-WRA0512ZP-3WR2 Datasheet
241Kb / 6P
   DC/DC Converter
More results

Similar Description - WRA0512ZP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com