Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB1209N-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # FB1209N-1W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FB1209N-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  FB1209N-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FB1209N-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
FB_N-1W
A/0-2007
Page 1 of 2
FB_N-1W Series
1W, FIXED INPUT, 5200V ISOLATED & UNREGULATED
SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
FB0505N-1W
5
200
20
71
FB0509N-1W*
9
111
11
72
FB0512N-1W*
12
83
8.3
73
FB0515N-1W*
5
4.5-5.5
15
67
6.7
74
FB1205N-1W*
5
200
20
70
FB1209N-1W*
9
111
11
74
FB1212N-1W*
12
83
8.3
76
FB1215N-1W*
12
10.8-13.2
15
67
6.7
76
FB2405N-1W*
5
200
20
73
FB2409N-1W*
9
111
11
74
FB2412N-1W*
12
83
8.3
77
FB2415N-1W*
24
21.6-26.4
15
67
6.7
77
*Designing.
COMMON SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
30
°C
Cooling
Free air convection
Isolation voltage
Tested for 1 minute and 1mA max
5200
VDC
Isolation resistance
Test at 1000VDC
1000
M
Ω
Short circuit protection
Continuous
Case material
Epoxy Resin(UL94-V0)
MTBF
3500
K Hours
Weigh
4.75
g
5.2KVDC Isolation
DIP Package,small footprint
Temperature Range: -40
°C to +85°C
Continuous Short circuit protection
No Heatsink Required
No External Component Required
Industry Standard Pinout
RoHS
Compliance
APPLICATIONS
The FB_N-1W Series are specially designed
for applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤5200VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
These products don
’t apply to:
1) Where the input supply voltage is varied
(variation
≥±10%), otherwise our company’s
WRA series is recommended;
2)
Circuits
in
which
the
output
voltage
regulation
is
demanding,
otherwise
our
company
’s IA Series or WRA Series are
recommended;
MODEL SELECTION
FB0505N-1W
P roduc t Ser ies
I nput Vo ltage
Output Voltage
P ackage Style
Rat ed Po wer
MORNSUN Science& Technology Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
Note:
1.All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output
load unless otherwise specified.
2.Dual output models unbalanced load:
±0.5%


Similar Part No. - FB1209N-1W

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB1209B3 PF-FB1209B3 Datasheet
802Kb / 3P
   Digital Input
logo
MORNSUN Science& Techno...
FB1209S-1W MORNSUN-FB1209S-1W Datasheet
146Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
FB1209S-2W MORNSUN-FB1209S-2W Datasheet
116Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - FB1209N-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com