Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH250VSN153MA25T Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # ESMH250VSN153MA25T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH250VSN153MA25T Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

Back Button ESMH250VSN153MA25T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMH250VSN153MA25T Datasheet HTML 10Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
25 Volts
32 Volts Surge
16 Volts
20 Volts Surge
10 Volts
13 Volts Surge
SMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/15
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
68,000
ESMH100VSN683MA40T
35
40
A40
0.012
7.27
82,000
ESMH100VSN823MA50T
35
50
A50
0.01
8.49
100,000
ESMH100VSN104MA63T
35
63
A63
0.01
8.91
150,000
ESMH100VSN154MA80T
35
80
A80
0.009
11.67
47,000
ESMH100VQT473MB25T
40
25
B25
0.026
5.02
56,000
ESMH100VQT563MB30T
40
30
B30
0.021
5.74
68,000
ESMH100VQT683MB35T
40
35
B35
0.018
6.56
82,000
ESMH100VQT823MB40T
40
40
B40
0.015
7.42
120,000
ESMH100VQT124MB50T
40
50
B50
0.012
9.54
150,000
ESMH100VQT154MB63T
40
63
B63
0.01
11.39
220,000
ESMH100VQT224MB80T
40
80
B80
0.008
15.0
8,200
ESMH160VSN822MP25T
22
25
P25
0.081
2.51
10,000
ESMH160VSN103MP25T
22
25
P25
0.066
2.77
12,000
ESMH160VSN123MP30T
22
30
P30
0.055
2.86
15,000
ESMH160VSN153MP35T
22
35
P35
0.044
3.29
18,000
ESMH160VSN183MP40T
22
40
P40
0.037
3.72
22,000
ESMH160VSN223MP50T
22
50
P50
0.03
4.37
12,000
ESMH160VSN123MQ25T
25.4
25
Q25
0.055
2.95
15,000
ESMH160VSN153MQ30T
25.4
30
Q30
0.044
3.46
18,000
ESMH160VSN183MQ35T
25.4
35
Q35
0.037
3.98
22,000
ESMH160VSN223MQ40T
25.4
40
Q40
0.03
4.26
27,000
ESMH160VSN273MQ45T
25.4
45
Q45
0.025
4.72
33,000
ESMH160VSN333MQ50T
25.4
50
Q50
0.02
5.33
15,000
ESMH160VSN153MR25T
30
25
R25
0.044
3.66
18,000
ESMH160VSN183MR25T
30
25
R25
0.037
4.0
22,000
ESMH160VSN223MR30T
30
30
R30
0.03
4.21
27,000
ESMH160VSN273MR35T
30
35
R35
0.025
4.82
33,000
ESMH160VSN333MR40T
30
40
R40
0.02
5.36
39,000
ESMH160VSN393MR45T
30
45
R45
0.017
6.01
47,000
ESMH160VSN473MR50T
30
50
R50
0.014
6.79
22,000
ESMH160VSN223MA25T
35
25
A25
0.03
4.15
27,000
ESMH160VSN273MA30T
35
30
A30
0.025
4.65
33,000
ESMH160VSN333MA30T
35
30
A30
0.02
5.15
39,000
ESMH160VSN393MA35T
35
35
A35
0.017
5.95
47,000
ESMH160VSN473MA40T
35
40
A40
0.014
6.76
56,000
ESMH160VSN563MA45T
35
45
A45
0.012
7.62
68,000
ESMH160VSN683MA50T
35
50
A50
0.01
8.63
82,000
ESMH160VSN823MA63T
35
63
A63
0.011
9.88
100,000
ESMH160VSN104MA80T
35
80
A80
0.009
11.67
33,000
ESMH160VQT333MB25T
40
25
B25
0.027
5.15
39,000
ESMH160VQT393MB30T
40
30
B30
0.022
5.86
47,000
ESMH160VQT473MB35T
40
35
B35
0.019
6.68
68,000
ESMH160VQT683MB40T
40
40
B40
0.015
8.27
82,000
ESMH160VQT823MB50T
40
50
B50
0.012
9.66
100,000
ESMH160VQT104MB63T
40
63
B63
0.01
11.39
150,000
ESMH160VQT154MB80T
40
80
B80
0.008
15.17
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
5,600
ESMH250VSN562MP25T
22
25
P25
0.089
2.21
6,800
ESMH250VSN682MP30T
22
30
P30
0.073
2.4
8,200
ESMH250VSN822MP35T
22
35
P35
0.061
2.72
10,000
ESMH250VSN103MP40T
22
40
P40
0.05
3.09
12,000
ESMH250VSN123MP45T
22
45
P45
0.041
3.48
15,000
ESMH250VSN153MP50T
22
50
P50
0.033
4.0
6,800
ESMH250VSN682MQ25T
25.4
25
Q25
0.073
2.56
8,200
ESMH250VSN822MQ25T
25.4
25
Q25
0.061
2.8
10,000
ESMH250VSN103MQ30T
25.4
30
Q30
0.05
3.12
12,000
ESMH250VSN123MQ35T
25.4
35
Q35
0.041
3.43
15,000
ESMH250VSN153MQ40T
25.4
40
Q40
0.033
3.95
18,000
ESMH250VSN183MQ45T
25.4
45
Q45
0.028
4.45


Similar Part No. - ESMH250VSN153MA25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH250VSN153MA25T CHEMI-CON-ESMH250VSN153MA25T Datasheet
182Kb / 15P
   Snap Mount
ESMH250VSN153MA25T CHEMI-CON-ESMH250VSN153MA25T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH250VSN153MA25T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com