Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHD6031035KN Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # VHD6031035KN
Description  3.3V VCXO CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHD6031035KN Datasheet(HTML) 5 Page - Pletronics, Inc.

  VHD6031035KN Datasheet HTML 1Page - Pletronics, Inc. VHD6031035KN Datasheet HTML 2Page - Pletronics, Inc. VHD6031035KN Datasheet HTML 3Page - Pletronics, Inc. VHD6031035KN Datasheet HTML 4Page - Pletronics, Inc. VHD6031035KN Datasheet HTML 5Page - Pletronics, Inc. VHD6031035KN Datasheet HTML 6Page - Pletronics, Inc. VHD6031035KN Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
www.pletronics.com
425-776-1880
5
3
4
1
2
6
5
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.125 +
_0.006
3.20 +
_0.15
C
0.053 max
1.35 max
D
1
0.050
1.27
E
1
0.050
1.27
F
1
0.004
0.10
G
1
0.039
1.00
H
1
0.025
0.63
Contacts
:
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
1 Typical dimensions
Not to Scale
I
1
0.020
0.50
J
1
0.004R
0.10R
K
1
0.008R
0.20R
Pad
Function
Note
1
Vcontrol Input
2
Output
Enable/ Disable
When this pad is not connected, the oscillator shall operate
When this pad is logic low, the output will be inhibited (high impedance state)
Recommend connecting this pad to V
cc if the oscillator is to be always on
3
Ground (GND)
4
Output
5
N.C.
No Internal connection, pad may be connected to ground or V
CC
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device do not layout
near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - VHD6031035KN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
VHD0690 PANASONIC-VHD0690 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD6031035KN

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
   3.3V CMOS 38.880MHz SONET VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
   3.3V CMOS 153.6MHz WiMAX VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
   3.3V CMOS 35.328MHz DSL VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
   3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
   3.3V CMOS 16.384MHz Telecom VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
   3.3V CMOS 125.000MHz Ethernet VCXO
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
   3.3V CMOS 25.000MHz Ethernet VCXO
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com