Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36D500HPN184MDE3M Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # E36D500HPN184MDE3M
Description  Screw Terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D500HPN184MDE3M Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

Back Button E36D500HPN184MDE3M Datasheet HTML 4Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 9Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 10Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 11Page - United Chemi-Con, Inc. E36D500HPN184MDE3M Datasheet HTML 12Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
63 Volts
79 Volts Surge
50 Volts
63 Volts Surge
35 Volts
44 Volts Surge
U36D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/13
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
6,800
E36D500HPN682MA41M
1.375
1.625
A41
48.8
3.10
12,000
E36D500HPN123MA54M
1.375
2.125
A54
28.7
4.34
18,000
E36D500HPN183MA67M
1.375
2.625
A67
22.8
5.40
22,000
E36D500HPN223MA79M
1.375
3.125
A79
16.8
6.39
27,000
E36D500HPN273MA92M
1.375
3.625
A92
14.2
7.47
33,000
E36D500HPN333MAA5M
1.375
4.125
AA5
12.1
8.57
39,000
E36D500HPN393MAB7M
1.375
4.625
AB7
11.8
9.34
47,000
E36D500HPN473MAE3M
1.375
5.625
AE3
9.3
11.03
15,000
E36D500HPN153MC48M
2.000
1.875
C48
25.4
5.13
22,000
E36D500HPN223MC54M
2.000
2.125
C54
18.4
6.42
33,000
E36D500HPN333MC67M
2.000
2.625
C67
12.8
8.20
47,000
E36D500HPN473MC79M
2.000
3.125
C79
9.7
10.09
56,000
E36D500HPN563MC92M
2.000
3.625
C92
8.3
11.90
68,000
E36D500HPN683MCA5M
2.000
4.125
CA5
7.1
13.36
82,000
E36D500HPN823MCB7M
2.000
4.625
CB7
6.3
15.20
100,000
E36D500HPN104MCE3M
2.000
5.625
CE3
5.4
17.99
68,000
E36D500HPN683MD79M
2.500
3.125
D79
9.0
12.06
120,000
E36D500HPN124MDA5M
2.500
4.125
DA5
6.6
15.71
150,000
E36D500HPN154MDB7M
2.500
4.625
DB7
5.9
17.81
180,000
E36D500HPN184MDE3M
2.500
5.625
DE3
5.0
20.74
120,000
E36D500HPN124ME92M
3.000
3.625
E92
8.3
14.86
150,000
E36D500HPN154MEA5M
3.000
4.125
EA5
7.3
16.74
180,000
E36D500HPN184MEB7M
3.000
4.625
EB7
6.6
18.42
220,000
E36D500HPN224MED0M
3.000
5.125
ED0
6.2
20.04
390,000
E36D500HPN394MEN0M
3.000
8.625
EN0
4.0
31.15
4,700
E36D630HPN472MA41M
1.375
1.625
A41
52.8
2.99
8,200
E36D630HPN472MA54M
1.375
2.125
A54
31.2
4.17
12,000
E36D630HPN472MA67M
1.375
2.625
A67
22.2
5.17
15,000
E36D630HPN472MA79M
1.375
3.125
A79
18.2
6.15
18,000
E36D630HPN472MA92M
1.375
3.625
A92
15.5
7.14
22,000
E36D630HPN472MAA5M
1.375
4.125
AA5
13.2
8.22
27,000
E36D630HPN472MAD0M
1.375
5.125
AD0
11.1
9.64
33,000
E36D630HPN472MAE3M
1.375
5.625
AE3
9.7
10.75
12,000
E36D630HPN123MC48M
2.000
1.875
C48
25.2
5.24
15,000
E36D630HPN153MC54M
2.000
2.125
C54
19.8
6.21
22,000
E36D630HPN223MC67M
2.000
2.625
C67
13.8
7.91
33,000
E36D630HPN333MC79M
2.000
3.125
C79
11.2
9.85
39,000
E36D630HPN393MC92M
2.000
3.625
C92
8.7
11.62
47,000
E36D630HPN473MCA5M
2.000
4.125
CA5
7.5
13.01
56,000
E36D630HPN563MCB7M
2.000
4.625
CB7
6.7
14.74
68,000
E36D630HPN683MCE3M
2.000
5.625
CE3
5.7
17.51
47,000
E36D630HPN473MD79M
2.500
3.125
D79
9.3
11.86
82,000
E36D630HPN823MDA5M
2.500
4.125
DA5
6.8
15.60
100,000
E36D630HPN104MDB7M
2.500
4.625
DB7
6.0
17.66
120,000
E36D630HPN124MDE3M
2.500
5.625
DE3
5.2
20.55
100,000
E36D630HPN104ME92M
3.000
3.625
E92
9.1
14.20
120,000
E36D630HPN124MEA5M
3.000
4.125
EA5
7.9
16.10
150,000
E36D630HPN154MED0M
3.000
5.125
ED0
6.2
19.88
180,000
E36D630HPN184MEE3M
3.000
5.625
EE3
5.9
21.42
270,000
E36D630HPN274MEN0M
3.000
8.625
EN0
4.1
31.94
220,000
E36D350HPN224ME92M
3.000
3.625
E92
8.9
16.73
270,000
E36D350HPN274MEA5M
3.000
4.125
EA5
7.8
19.58
330,000
E36D350HPN334MED0M
3.000
5.125
ED0
6.0
22.72
390,000
E36D350HPN394MEE3M
3.000
5.625
EE3
5.7
24.75
560,000
E36D350HPN564MEN0M
3.000
8.625
EN0
3.9
35.94
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E36D500HPN184MDE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D500HPN CHEMI-CON-E36D500HPN Datasheet
143Kb / 13P
   Large Can
More results

Similar Description - E36D500HPN184MDE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com