Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMM251VSN181MN25T Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # ESMM251VSN181MN25T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM251VSN181MN25T Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

Back Button ESMM251VSN181MN25T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMM251VSN181MN25T Datasheet HTML 11Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
250 Volts
300 Volts Surge
220 Volts
270 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 11
SMM Series
220
ESMM221VSN221MN25T
20
25
N25
1.13
1.25
270
ESMM221VSN271MN30T
20
30
N30
0.921
1.46
330
ESMM221VSN331MN35T
20
35
N35
0.753
1.64
390
ESMM221VSN391MN40T
20
40
N40
0.638
1.84
470
ESMM221VSN471MN45T
20
45
N45
0.529
2.12
560
ESMM221VSN561MN50T
20
50
N50
0.444
2.33
180
ESMM221VSN181MP20T
22
20
P20
1.381
1.06
270
ESMM221VSN271MP25T
22
25
P25
0.921
1.47
330
ESMM221VSN331MP30T
22
30
P30
0.753
1.7
390
ESMM221VSN391MP35T
22
35
P35
0.638
1.89
470
ESMM221VSN471MP35T
22
35
P35
0.529
2.0
560
ESMM221VSN561MP40T
22
40
P40
0.444
2.33
680
ESMM221VSN681MP45T
22
45
P45
0.366
2.63
270
ESMM221VSN271MQ20T
25.4
20
Q20
0.921
1.35
330
ESMM221VSN331MQ25T
25.4
25
Q25
0.753
1.69
390
ESMM221VSN391MQ25T
25.4
25
Q25
0.638
1.84
470
ESMM221VSN471MQ30T
25.4
30
Q30
0.529
2.08
560
ESMM221VSN561MQ35T
25.4
35
Q35
0.444
2.38
680
ESMM221VSN681MQ40T
25.4
40
Q40
0.366
2.68
820
ESMM221VSN821MQ45T
25.4
45
Q45
0.303
3.01
1,000
ESMM221VSN102MQ50T
25.4
50
Q50
0.249
3.4
330
ESMM221VSN331MR20T
30
20
R20
0.753
1.58
390
ESMM221VSN391MR20T
30
20
R20
0.638
1.71
470
ESMM221VSN471MR25T
30
25
R25
0.529
2.12
560
ESMM221VSN561MR25T
30
25
R25
0.444
2.31
680
ESMM221VSN681MR30T
30
30
R30
0.366
2.62
820
ESMM221VSN821MR35T
30
35
R35
0.303
2.99
1,000
ESMM221VSN102MR40T
30
40
R40
0.249
3.42
1,200
ESMM221VSN122MR45T
30
45
R45
0.207
3.88
1,500
ESMM221VSN152MR50T
30
50
R50
0.166
4.44
390
ESMM221VSN391MA20T
35
20
A20
0.638
1.79
470
ESMM221VSN471MA20T
35
20
A20
0.529
1.88
560
ESMM221VSN561MA20T
35
20
A20
0.444
2.14
680
ESMM221VSN681MA25T
35
25
A25
0.366
2.58
820
ESMM221VSN821MA30T
35
30
A30
0.303
2.79
1,000
ESMM221VSN102MA30T
35
30
A30
0.249
3.29
1,200
ESMM221VSN122MA35T
35
35
A35
0.207
3.68
1,500
ESMM221VSN152MA40T
35
40
A40
0.166
4.10
1,800
ESMM221VSN182MA45T
35
45
A45
0.138
4.52
180
ESMM251VSN181MN25T
20
25
N25
1.381
1.20
220
ESMM251VSN221MN25T
20
25
N25
1.13
1.26
270
ESMM251VSN271MN30T
20
30
N30
0.921
1.42
330
ESMM251VSN331MN35T
20
35
N35
0.753
1.68
390
ESMM251VSN391MN40T
20
40
N40
0.638
1.92
470
ESMM251VSN471MN50T
20
50
N50
0.529
2.06
150
ESMM251VSN151MP20T
22
20
P20
1.658
0.97
180
ESMM251VSN181MP20T
22
20
P20
1.381
1.06
220
ESMM251VSN221MP25T
22
25
P25
1.13
1.24
270
ESMM251VSN271MP25T
22
25
P25
0.921
1.5
330
ESMM251VSN331MP30T
22
30
P30
0.753
1.66
390
ESMM251VSN391MP35T
22
35
P35
0.638
1.88
470
ESMM251VSN471MP35T
22
35
P35
0.529
2.15
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
200 Volts
250 Volts Surge
1,200
ESMM201VSN122MA30T
35
30
A30
0.207
3.57
1,500
ESMM201VSN152MA35T
35
35
A35
0.166
4.06
1,800
ESMM201VSN182MA40T
35
40
A40
0.138
4.59
2,200
ESMM201VSN222MA45T
35
45
A45
0.113
5.25


Similar Part No. - ESMM251VSN181MN25T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM251VSN181MN25T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com