Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH250VSN153MR30T Datasheet(PDF) 11 Page - United Chemi-Con, Inc.

Part # ESMH250VSN153MR30T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH250VSN153MR30T Datasheet(HTML) 11 Page - United Chemi-Con, Inc.

Back Button ESMH250VSN153MR30T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 11Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 12Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 13Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 14Page - United Chemi-Con, Inc. ESMH250VSN153MR30T Datasheet HTML 15Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
200 Volts
250 Volts Surge
180 Volts
225 Volts Surge
160 Volts
200 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
11/ 15
SMH Series
Engineering Bulletin Mar 07
220
ESMH181VSN221MP20T
22
20
P20
0.753
1.06
270
ESMH181VSN221MP25T
22
25
P25
0.614
1.27
390
ESMH181VSN221MP30T
22
30
P30
0.425
1.58
470
ESMH181VSN221MP35T
22
35
P35
0.353
1.79
560
ESMH181VSN221MP40T
22
40
P40
0.296
2.0
680
ESMH181VSN221MP45T
22
45
P45
0.244
2.27
820
ESMH181VSN221MP50T
22
50
P50
0.202
2.55
270
ESMH181VSN271MQ20T
25.4
20
Q20
0.614
1.22
390
ESMH181VSN391MQ25T
25.4
25
Q25
0.425
1.58
560
ESMH181VSN561MQ30T
25.4
30
Q30
0.296
1.96
680
ESMH181VSN681MQ35T
25.4
35
Q35
0.244
2.23
820
ESMH181VSN821MQ40T
25.4
40
Q40
0.202
2.53
1,000
ESMH181VSN102MQ45T
25.4
45
Q45
0.166
2.87
390
ESMH181VSN391MR20T
30
20
R20
0.425
1.55
560
ESMH181VSN561MR25T
30
25
R25
0.296
1.99
820
ESMH181VSN821MR30T
30
30
R30
0.202
2.7
1,000
ESMH181VSN102MR35T
30
35
R35
0.166
2.86
1,200
ESMH181VSN122MR40T
30
40
R40
0.138
3.23
1,500
ESMH181VSN152MR50T
30
50
R50
0.111
3.83
560
ESMH181VSN561MA20T
35
20
A20
0.444
1.94
820
ESMH181VSN821MA25T
35
25
A25
0.303
2.53
1,000
ESMH181VSN102MA30T
35
30
A30
0.249
2.99
1,200
ESMH181VSN122MA35T
35
35
A35
0.207
3.31
1,500
ESMH181VSN152MA40T
35
40
A40
0.166
3.82
1,800
ESMH181VSN182MA45T
35
45
A45
0.138
4.32
2,200
ESMH181VSN222MA50T
35
50
A50
0.113
4.92
2,700
ESMH181VSN272MA63T
35
63
A63
0.092
5.67
3,900
ESMH181VSN392MA80T
35
80
A80
0.064
7.29
1,200
ESMH181VQT122MB25T
40
25
B25
0.207
3.11
1,500
ESMH181VQT152MB30T
40
30
B30
0.166
3.64
1,800
ESMH181VQT182MB35T
40
35
B35
0.138
4.13
2,200
ESMH181VQT222MB40T
40
40
B40
0.113
4.71
3,300
ESMH181VQT332MB50T
40
50
B50
0.075
6.13
3,900
ESMH181VQT392MB63T
40
63
B63
0.064
7.11
5,600
ESMH181VQT562MB80T
40
80
B80
0.044
9.27
2,200
ESMH161VQT222MB35T
40
35
B35
0.113
4.09
2,700
ESMH161VQT272MB40T
40
40
B40
0.092
4.66
3,900
ESMH161VQT392MB50T
40
50
B50
0.064
5.96
4,700
ESMH161VQT472MB63T
40
63
B63
0.053
6.98
6,800
ESMH161VQT682MB80T
40
80
B80
0.037
9.14
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
180
ESMH201VSN181MP20T
22
20
P20
0.921
0.96
270
ESMH201VSN271MP25T
22
25
P25
0.614
1.27
330
ESMH201VSN331MP30T
22
30
P30
0.502
1.45
390
ESMH201VSN391MP30T
22
30
P30
0.425
1.58
470
ESMH201VSN471MP35T
22
35
P35
0.353
1.78
560
ESMH201VSN561MP40T
22
40
P40
0.296
2.0
680
ESMH201VSN681MP50T
22
50
P50
0.244
2.33
270
ESMH201VSN271MQ20T
25.4
20
Q20
0.614
1.22
330
ESMH201VSN331MQ25T
25.4
25
Q25
0.502
1.45
390
ESMH201VSN391MQ25T
25.4
25
Q25
0.425
1.58
470
ESMH201VSN471MQ30T
25.4
30
Q30
0.353
1.8
560
ESMH201VSN561MQ35T
25.4
35
Q35
0.296
2.03
680
ESMH201VSN681MQ40T
25.4
40
Q40
0.244
2.3
820
ESMH201VSN821MQ45T
25.4
45
Q45
0.202
2.6
1,000
ESMH201VSN102MQ50T
25.4
50
Q50
0.166
2.95
390
ESMH201VSN391MR20T
30
20
R20
0.425
1.55
470
ESMH201VSN471MR25T
30
25
R25
0.353
1.8
560
ESMH201VSN561MR25T
30
25
R25
0.296
2.0
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMH250VSN153MR30T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH250VSN153MR30T CHEMI-CON-ESMH250VSN153MR30T Datasheet
182Kb / 15P
   Snap Mount
ESMH250VSN153MR30T CHEMI-CON-ESMH250VSN153MR30T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH250VSN153MR30T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com