Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMM221VSN182MA45T Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # ESMM221VSN182MA45T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM221VSN182MA45T Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

Back Button ESMM221VSN182MA45T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMM221VSN182MA45T Datasheet HTML 11Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
400 Volts
450 Volts Surge
350 Volts
400 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/11
SMM Series
100
ESMM351VSN101MN25T
20
25
N25
3.315
0.81
120
ESMM351VSN121MN30T
20
30
N30
2.763
0.96
150
ESMM351VSN151MN30T
20
30
N30
2.21
1.1
180
ESMM351VSN181MN35T
20
35
N35
1.381
1.24
220
ESMM351VSN221MN45T
20
45
N45
1.13
1.37
270
ESMM351VSN271MN50T
20
50
N50
0.921
1.56
82
ESMM351VSN820MP20T
22
20
P20
4.043
0.72
120
ESMM351VSN121MP25T
22
25
P25
2.763
1.04
150
ESMM351VSN151MP30T
22
30
P30
2.21
1.2
180
ESMM351VSN181MP30T
22
30
P30
1.381
1.34
220
ESMM351VSN221MP35T
22
35
P35
1.13
1.47
270
ESMM351VSN271MP40T
22
40
P40
0.921
1.7
330
ESMM351VSN331MP45T
22
45
P45
0.753
1.87
120
ESMM351VSN121MQ20T
25.4
20
Q20
2.763
0.9
150
ESMM351VSN151MQ25T
25.4
25
Q25
2.21
1.22
180
ESMM351VSN181MQ25T
25.4
25
Q25
1.381
1.37
220
ESMM351VSN221MQ30T
25.4
30
Q30
1.13
1.53
270
ESMM351VSN271MQ35T
25.4
35
Q35
0.921
1.73
330
ESMM351VSN331MQ35T
25.4
35
Q35
0.753
1.97
390
ESMM351VSN391MQ40T
25.4
40
Q40
0.638
2.14
470
ESMM351VSN471MQ50T
25.4
50
Q50
0.529
2.55
150
ESMM351VSN151MR20T
30
20
R20
2.21
1.06
180
ESMM351VSN181MR20T
30
20
R20
1.381
1.16
220
ESMM351VSN221MR25T
30
25
R25
1.13
1.54
270
ESMM351VSN271MR25T
30
25
R25
0.921
1.8
330
ESMM351VSN331MR30T
30
30
R30
0.753
2.03
390
ESMM351VSN391MR35T
30
35
R35
0.638
2.23
470
ESMM351VSN471MR35T
30
35
R35
0.529
2.53
560
ESMM351VSN561MR40T
30
40
R40
0.444
2.73
680
ESMM351VSN681MR50T
30
50
R50
0.366
3.15
220
ESMM351VSN221MA20T
35
20
A20
1.13
1.29
270
ESMM351VSN271MA20T
35
20
A20
0.921
1.49
330
ESMM351VSN331MA25T
35
25
A25
0.753
1.8
390
ESMM351VSN391MA30T
35
30
A30
0.638
2.3
470
ESMM351VSN471MA30T
35
30
A30
0.529
2.55
560
ESMM351VSN561MA35T
35
35
A35
0.444
2.75
680
ESMM351VSN681MA40T
35
40
A40
0.366
3.15
820
ESMM351VSN821MA45T
35
45
A45
0.303
3.47
1,000
ESMM351VSN102MA50T
35
50
A50
0.249
3.6
68
ESMM401VSN680MN25T
20
25
N25
4.875
0.75
82
ESMM401VSN820MN30T
20
30
N30
4.043
0.82
100
ESMM401VSN101MN30T
20
30
N30
3.315
0.95
120
ESMM401VSN121MN35T
20
35
N35
2.763
1.07
150
ESMM401VSN151MN40T
20
40
N40
2.21
1.22
180
ESMM401VSN181MN45T
20
45
N45
1.842
1.28
220
ESMM401VSN221MN50T
20
50
N50
1.507
1.41
68
ESMM401VSN680MP20T
22
20
P20
4.878
0.65
82
ESMM401VSN820MP25T
22
25
P25
4.043
0.84
100
ESMM401VSN101MP25T
22
25
P25
3.315
0.99
120
ESMM401VSN121MP30T
22
30
P30
2.763
1.09
150
ESMM401VSN151MP35T
22
35
P35
2.21
1.24
180
ESMM401VSN181MP40T
22
40
P40
1.842
1.41
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
315 Volts
365 Volts Surge
470
ESMM3B1VSN471MA30T
35
30
A30
0.529
2.46
560
ESMM3B1VSN561MA30T
35
30
A30
0.444
2.69
680
ESMM3B1VSN681MA35T
35
35
A35
0.366
3.05
820
ESMM3B1VSN821MA40T
35
40
A40
0.303
3.45
1,000
ESMM3B1VSN102MA45T
35
45
A45
0.249
3.59


Similar Part No. - ESMM221VSN182MA45T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM221VSN182MA45T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com