Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THA4045055K Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # THA4045055K
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

THA4045055K Datasheet(HTML) 4 Page - Pletronics, Inc.

  THA4045055K Datasheet HTML 1Page - Pletronics, Inc. THA4045055K Datasheet HTML 2Page - Pletronics, Inc. THA4045055K Datasheet HTML 3Page - Pletronics, Inc. THA4045055K Datasheet HTML 4Page - Pletronics, Inc. THA4045055K Datasheet HTML 5Page - Pletronics, Inc. THA4045055K Datasheet HTML 6Page - Pletronics, Inc. THA4045055K Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
THA4 Series
TCVCXO Oscillator
February 2009
www.pletronics.com
425-776-1880
4
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition A
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
Part Marking:
THymda
Where:
ymd
= Date code
fff.fff M
fff.fff
= frequency in MHZ
PLHXXX
P
= Pletronics
LH
= Lowest Temp, Highest Temp
XXX
= Stability
Due to part size limitations, marking cannot identify complete specifications.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
D
E
F
G
Day
123456789
10
11
12
13
14
15
16
Code
H
J
K
L
M
N
P
R
T
U
V
W
X
Y
Z
Day
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII


Similar Part No. - THA4045055K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THA402M040AC0C CDE-THA402M040AC0C Datasheet
471Kb / 7P
   High Energy Density, REACH and RoHS Compliant
More results

Similar Description - THA4045055K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com