Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32D500HPN104MDA5M Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # E32D500HPN104MDA5M
Description  Screw Terminals
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32D500HPN104MDA5M Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  E32D500HPN104MDA5M Datasheet HTML 1Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 2Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 3Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 4Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 5Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 6Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 7Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 8Page - United Chemi-Con, Inc. E32D500HPN104MDA5M Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/12
U32D Series
Engineering Bulletin Mar 07
Large Can / Screw Terminals
Diagram of Dimensions - Screw Terminals
L
F
J
Insulating
Sleeve
Vent
S
T
Insulating
End Disk
H
D
Unit: inches (mm)
Case Size
Code
A41
A54
A67
A79
A92
AA5
AB7
AD0
AE3
C48
C54
C67
C79
C92
CA5
CB7
CD0
CE3
D79
DA5
DB7
DD0
DE3
E92
EA5
EB7
ED0
EE3
EN0
FA5
FB7
FE3
1.375 (35.0)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
3.500 (89.0)
1.625 (41)
2.125 (54)
2.625 (67)
3.125 (79)
3.625 (92)
4.125 (105)
4.625 (117)
5.125 (130)
5.625 (143)
1.875 (48)
2.125 (54)
2.625 (67)
3.125 (79)
3.625 (92)
4.125 (105)
4.625 (117)
5.125 (130)
5.625 (143)
3.125 (79)
4.125 (105)
4.625 (117)
5.125 (130)
5.625 (143)
3.625 (92)
4.125 (105)
4.625 (117)
5.125 (130)
5.625 (143)
8.625 (220)
4.125 (105)
4.625 (117)
5.625 (143)
Ø
D
0.080 (2.0)
L
0.040 (1.0)
0.500 (12.7)
0.875 (22.2)
1.125 (28.6)
1.250 (31.8)
1.250 (31.8)
F
0.010 (0.25)
Case Dimensions
Terminal
Code
HP
LP
HL
ML
CD
CP
CH
CA
CS
C-E
C-E
C-E
C-E
D-E
D-F
D-F
D-F
D-F
0.375 (9.5)
0.219 (5.6)
0.375 (9.5)
0.219 (5.6)
0.335 (8.5)
0.344 (8.7)
0.468 (11.9)
0.344 (8.7)
0.468 (11.9)
0.250 (6.4)
0.063 (1.6)
0.250 (6.4)
0.063 (1.6)
0.200 (5.0)
0.093 (2.4)
0.250 (6.4)
0.093 (2.4)
0.250 (6.4)
0.313 (8.0)
0.313 (8.0)
0.313 (8.0)
0.313 (8.0)
0.512 (13.0)
0.689 (17.5)
0.689 (17.5)
0.689 (17.5)
0.689 (17.5)
0.438 (11.1)
0.438 (11.1)
0.438 (11.1)
0.740 (18.8)
1.375 – 3.000 (35.0 – 76.2)
1.375 – 3.000 (35.0 – 76.2)
1.375 – 3.000 (35.0 – 76.2)
1.375 – 3.000 (35.0 – 76.2)
2.500 – 3.000 (63.5 – 76.2)
2.500 – 3.500 (63.5 – 89.0)
2.500 – 3.500 (63.5 – 89.0)
2.500 – 3.500 (63.5 – 89.0)
2.500 – 3.500 (63.5 – 89.0)
L
J
L
J
L
J
L
J
L
J
L
J
L
J
L
J
L
J
J
0.020 (0.5)
Ø
S
0.010 (0.25)
Ø
T
0.010 (0.25)
Available Case Diameter
H
0.080 (2.0)
Terminal Specifications
Thread
Size
Minimum
Thread
Depth
10 - 32 NF- 2B
10 - 32 NF- 2B
M5x0.8 - 6H
M5x0.8 - 6H
M5x0.8 - 6H
1/4 - 28 NF- 2B
1/4 - 28 NF- 2B
M6x1- 6H
M6x1- 6H
Ø
D
Code
Ø
D
inches (mm)


Similar Part No. - E32D500HPN104MDA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D500HPN CHEMI-CON-E32D500HPN Datasheet
148Kb / 12P
   Large Can
More results

Similar Description - E32D500HPN104MDA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com