Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36D350HPN103MA79M Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # E36D350HPN103MA79M
Description  Screw Terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D350HPN103MA79M Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

Back Button E36D350HPN103MA79M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 9Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 10Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 11Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 12Page - United Chemi-Con, Inc. E36D350HPN103MA79M Datasheet HTML 13Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
160 Volts
200 Volts Surge
100 Volts
125 Volts Surge
80 Volts
100 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/13
U36D Series
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
2,700
E36D800HPN272MA41M
1.375
1.625
A41
61.9
2.77
4,700
E36D800HPN472MA54M
1.375
2.125
A54
36.4
3.87
5,600
E36D800HPN562MA67M
1.375
2.625
A67
30.0
4.44
8,200
E36D800HPN822MA79M
1.375
3.125
A79
21.7
5.65
10,000
E36D800HPN103MA92M
1.375
3.625
A92
18.2
6.60
12,000
E36D800HPN123MAA5M
1.375
4.125
AA5
15.6
7.56
15,000
E36D800HPN153MAD0M
1.375
5.125
AD0
12.9
8.93
18,000
E36D800HPN183MAE3M
1.375
5.625
AE3
12.8
9.99
5,600
E36D800HPN562MC48M
2.000
1.875
C48
32.5
4.62
8,200
E36D800HPN822MC54M
2.000
2.125
C54
23.2
5.59
12,000
E36D800HPN123MC67M
2.000
2.625
C67
16.1
7.32
18,000
E36D800HPN183MC79M
2.000
3.125
C79
13.0
9.22
22,000
E36D800HPN223MC92M
2.000
3.625
C92
9.8
10.95
27,000
E36D800HPN273MCA5M
2.000
4.125
CA5
9.8
12.39
33,000
E36D800HPN333MCB7M
2.000
4.625
CB7
8.0
14.12
39,000
E36D800HPN393MCE3M
2.000
5.625
CE3
6.3
16.65
27,000
E36D800HPN273MD79M
2.500
3.125
D79
10.1
11.34
39,000
E36D800HPN393MDA5M
2.500
4.125
DA5
7.4
15.07
56,000
E36D800HPN563MDD0M
2.500
5.125
DD0
5.9
18.51
47,000
E36D800HPN473ME92M
3.000
3.625
E92
8.7
14.52
56,000
E36D800HPN563MEA5M
3.000
4.125
EA5
7.5
16.51
68,000
E36D800HPN683MEB7M
3.000
4.625
EB7
6.7
18.28
82,000
E36D800HPN823MED0M
3.000
5.125
ED0
6.2
19.88
100,000
E36D800HPN104MEE3M
3.000
5.625
EE3
5.5
21.42
120,000
E36D800HPN124MEN0M
3.000
8.625
EN0
4.1
31.53
1,800
E36D101HPN182MA41M
1.375
1.625
A41
72.1
2.57
2,700
E36D101HPN272MA54M
1.375
2.125
A54
47.5
3.39
3,900
E36D101HPN392MA67M
1.375
2.625
A67
33.6
4.21
4,700
E36D101HPN472MA79M
1.375
3.125
A79
28.1
4.97
5,600
E36D101HPN562MA92M
1.375
3.625
A92
23.6
6.22
8,200
E36D101HPN822MAB7M
1.375
4.625
AB7
17.2
7.39
10,000
E36D101HPN103MAD0M
1.375
5.125
AD0
14.7
8.41
3,900
E36D101HPN392MC48M
2.000
1.875
C48
36.4
4.38
5,600
E36D101HPN562MC54M
2.000
2.125
C54
26.2
5.41
8,200
E36D101HPN822MC67M
2.000
2.625
C67
18.2
6.92
10,000
E36D101HPN103MC79M
2.000
3.125
C79
14.8
8.23
15,000
E36D101HPN153MC92M
2.000
3.625
C92
12.5
10.38
18,000
E36D101HPN183MCB7M
2.000
4.625
CB7
9.0
12.65
22,000
E36D101HPN223MCD0M
2.000
5.125
CD0
7.8
14.15
27,000
E36D101HPN273MCE3M
2.000
5.625
CE3
7.6
15.91
18,000
E36D101HPN183MD79M
2.500
3.125
D79
11.2
10.83
27,000
E36D101HPN273MDA5M
2.500
4.125
DA5
8.0
14.41
33,000
E36D101HPN333MDB7M
2.500
4.625
DB7
7.1
16.47
39,000
E36D101HPN393MDE3M
2.500
5.625
DE3
6.0
19.15
33,000
E36D101HPN333ME92M
3.000
3.625
E92
9.3
14.05
39,000
E36D101HPN393MEA5M
3.000
4.125
EA5
8.0
16.00
47,000
E36D101HPN473MEB7M
3.000
4.625
EB7
7.2
17.65
56,000
E36D101HPN563MED0M
3.000
5.125
ED0
6.6
19.42
82,000
E36D101HPN823MEN0M
3.000
8.625
EN0
4.3
30.41
820
E36D161HPN821MA41M
1.375
1.625
A41
202.0
1.95
1,500
E36D161HPN152MA54M
1.375
2.125
A54
110.0
2.83
2,200
E36D161HPN222MA67M
1.375
2.625
A67
76.9
3.57
2,700
E36D161HPN272MA79M
1.375
3.125
A79
57.4
4.26
3,300
E36D161HPN332MA92M
1.375
3.625
A92
51.1
5.05
3,900
E36D161HPN392MAA5M
1.375
4.125
AA5
43.6
5.83
4,700
E36D161HPN472MAB7M
1.375
4.625
AB7
36.7
6.55
5,600
E36D161HPN562MAE3M
1.375
5.625
AE3
31.0
7.85
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E36D350HPN103MA79M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D350HPN103MA79M CHEMI-CON-E36D350HPN103MA79M Datasheet
143Kb / 13P
   Large Can
More results

Similar Description - E36D350HPN103MA79M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com