Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMR421VSN391MA30S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKMR421VSN391MA30S
Description  Aluminum Electrolytic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMR421VSN391MA30S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKMR421VSN391MA30S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMR421VSN391MA30S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMR421VSN391MA30S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NIPPON CHEMI-CON CORPORATION
1301
Specifications in this bulletin are subject to change without notice.
3
Engineering Bulletin
Aluminum Electrolytic Capacitor
Downsized, Snap-ins, 105C
No.761A / Apr.2005
Tentative
Frequency(Hz)
160 to 250Vdc
315 to 450Vdc
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
?STANDARD RATINGS
The ripple current gives aluminum electrolytic capacitors higher internal heat, the increased temperature accelerate
the deterioration of the capacitors.
The lifetime is approximately halved with every 5C rise.
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Rated ripple
current
(Arms/105c,120Hz)
Part No.
350
560
25.4 B 50
1.90
EKMR351VSN561MQ50S
560
30 B 35
1.78
EKMR351VSN561MR35S
560
30 B 40
1.84
EKMR351VSN561MR40S
560
35 B 30
1.72
EKMR351VSN561MA30S
680
30 B 45
2.10
EKMR351VSN681MR45S
680
35 B 35
1.94
EKMR351VSN681MA35S
820
30 B 50
2.36
EKMR351VSN821MR50S
820
35 B 40
2.23
EKMR351VSN821MA40S
1,000
35 B 45
2.54
EKMR351VSN102MA45S
1,200
35 B 50
2.86
EKMR351VSN122MA50S
400
120
22 B 25
0.75
EKMR401VSN121MP25S
180
22 B 30
0.96
EKMR401VSN181MP30S
180
25.4 B 25
0.94
EKMR401VSN181MQ25S
220
22 B 35
1.09
EKMR401VSN221MP35S
220
25.4 B 30
1.07
EKMR401VSN221MQ30S
270
22 B 40
1.24
EKMR401VSN271MP40S
270
22 B 45
1.26
EKMR401VSN271MP45S
270
25.4 B 35
1.23
EKMR401VSN271MQ35S
270
30 B 25
1.16
EKMR401VSN271MR25S
330
22 B 50
1.44
EKMR401VSN331MP50S
330
25.4 B 40
1.40
EKMR401VSN331MQ40S
330
30 B 30
1.31
EKMR401VSN331MR30S
330
35 B 25
1.27
EKMR401VSN331MA25S
390
25.4 B 45
1.55
EKMR401VSN391MQ45S
390
30 B 35
1.49
EKMR401VSN391MR35S
470
25.4 B 50
1.74
EKMR401VSN471MQ50S
470
30 B 40
1.69
EKMR401VSN471MR40S
470
35 B 30
1.58
EKMR401VSN471MA30S
560
30 B 45
1.91
EKMR401VSN561MR45S
560
35 B 35
1.76
EKMR401VSN561MA35S
680
30 B 50
2.15
EKMR401VSN681MR50S
680
35 B 40
2.03
EKMR401VSN681MA40S
820
35 B 45
2.30
EKMR401VSN821MA45S
820
35 B 50
2.37
EKMR401VSN821MA50S
420
120
22 B 25
0.78
EKMR421VSN121MP25S
150
22 B 30
0.91
EKMR421VSN151MP30S
150
25.4 B 25
0.89
EKMR421VSN151MQ25S
180
22 B 35
1.03
EKMR421VSN181MP35S
180
25.4 B 30
1.00
EKMR421VSN181MQ30S
220
22 B 40
1.16
EKMR421VSN221MP40S
220
22 B 45
1.19
EKMR421VSN221MP45S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Rated ripple
current
(Arms/105c,120Hz)
Part No.
420
220
25.4 B 35
1.16
EKMR421VSN221MQ35S
220
30 B 25
1.11
EKMR421VSN221MR25S
270
22 B 50
1.36
EKMR421VSN271MP50S
270
25.4 B 40
1.32
EKMR421VSN271MQ40S
270
30 B 30
1.26
EKMR421VSN271MR30S
270
35 B 25
1.26
EKMR421VSN271MA25S
330
25.4 B 45
1.49
EKMR421VSN331MQ45S
330
30 B 35
1.45
EKMR421VSN331MR35S
390
25.4 B 50
1.66
EKMR421VSN391MQ50S
390
30 B 40
1.63
EKMR421VSN391MR40S
390
35 B 30
1.58
EKMR421VSN391MA30S
470
30 B 45
1.85
EKMR421VSN471MR45S
470
35 B 35
1.77
EKMR421VSN471MA35S
560
30 B 50
2.07
EKMR421VSN561MR50S
560
35 B 40
2.02
EKMR421VSN561MA40S
680
35 B 45
2.29
EKMR421VSN681MA45S
820
35 B 50
2.59
EKMR421VSN821MA50S
450
100
22 B 25
0.71
EKMR451VSN101MP25S
120
22 B 30
0.82
EKMR451VSN121MP30S
150
22 B 35
0.94
EKMR451VSN151MP35S
150
25.4 B 25
0.89
EKMR451VSN151MQ25S
180
22 B 40
1.05
EKMR451VSN181MP40S
180
25.4 B 30
1.00
EKMR451VSN181MQ30S
220
22 B 45
1.19
EKMR451VSN221MP45S
220
25.4 B 35
1.16
EKMR451VSN221MQ35S
220
30 B 25
1.11
EKMR451VSN221MR25S
270
22 B 50
1.36
EKMR451VSN271MP50S
270
25.4 B 40
1.32
EKMR451VSN271MQ40S
270
25.4 B 45
1.35
EKMR451VSN271MQ45S
270
30 B 30
1.26
EKMR451VSN271MR30S
270
35 B 25
1.26
EKMR451VSN271MA25S
330
25.4 B 50
1.52
EKMR451VSN331MQ50S
330
30 B 35
1.45
EKMR451VSN331MR35S
330
35 B 30
1.45
EKMR451VSN331MA30S
390
30 B 40
1.63
EKMR451VSN391MR40S
470
30 B 45
1.85
EKMR451VSN471MR45S
470
30 B 50
1.90
EKMR451VSN471MR50S
470
35 B 35
1.77
EKMR451VSN471MA35S
560
35 B 40
2.02
EKMR451VSN561MA40S
560
35 B 45
2.08
EKMR451VSN561MA45S
680
35 B 50
2.36
EKMR451VSN681MA50S


Similar Part No. - EKMR421VSN391MA30S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMR421VSN391MA30S CHEMI-CON-EKMR421VSN391MA30S Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
More results

Similar Description - EKMR421VSN391MA30S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com