Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH160VSN104MA80T Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # ESMH160VSN104MA80T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH160VSN104MA80T Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button ESMH160VSN104MA80T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 11Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 12Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 13Page - United Chemi-Con, Inc. ESMH160VSN104MA80T Datasheet HTML 14Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
160 Volts
200 Volts Surge
100 Volts
125 Volts Surge
SMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10 / 15
Engineering Bulletin Mar 07
2,700
ESMH101VSN272MQ45T
25.4
45
Q45
0.092
3.57
3,300
ESMH101VSN332MQ50T
25.4
50
Q50
0.075
4.06
1,500
ESMH101VSN152MR25T
30
25
R25
0.166
2.46
1,800
ESMH101VSN182MR25T
30
25
R25
0.138
2.72
2,200
ESMH101VSN222MR30T
30
30
R30
0.113
3.09
2,700
ESMH101VSN272MR35T
30
35
R35
0.092
3.55
3,300
ESMH101VSN332MR40T
30
40
R40
0.075
4.05
3,900
ESMH101VSN392MR45T
30
45
R45
0.064
4.54
4,700
ESMH101VSN472MR50T
30
50
R50
0.053
5.13
2,200
ESMH101VSN222MA25T
35
25
A25
0.113
3.14
2,700
ESMH101VSN272MA30T
35
30
A30
0.092
3.71
3,300
ESMH101VSN332MA30T
35
30
A30
0.075
4.05
3,900
ESMH101VSN392MA35T
35
35
A35
0.064
4.49
4,700
ESMH101VSN472MA40T
35
40
A40
0.053
5.11
5,600
ESMH101VSN562MA45T
35
45
A45
0.044
5.75
6,800
ESMH101VSN682MA50T
35
50
A50
0.037
6.50
8,200
ESMH101VSN822MA80T
35
80
A80
0.03
7.47
2,700
ESMH101VQT272MB25T
40
25
B25
0.092
3.29
3,300
ESMH101VQT332MB30T
40
30
B30
0.075
3.81
3,900
ESMH101VQT392MB35T
40
35
B35
0.064
4.3
4,700
ESMH101VQT472MB40T
40
40
B40
0.053
4.86
6,800
ESMH101VQT682MB50T
40
50
B50
0.037
6.22
8,200
ESMH101VQT822MB63T
40
63
B63
0.03
7.29
12,000
ESMH101VQT123MB80T
40
80
B80
0.021
9.6
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
270
ESMH161VSN271MP20T
22
20
P20
0.614
1.18
330
ESMH161VSN331MP25T
22
25
P25
0.502
1.4
470
ESMH161VSN471MP30T
22
30
P30
0.353
1.73
560
ESMH161VSN561MP35T
22
35
P35
0.296
1.95
680
ESMH161VSN681MP40T
22
40
P40
0.244
2.21
820
ESMH161VSN821MP45T
22
45
P45
0.202
2.49
1,000
ESMH161VSN102MP50T
22
50
P50
0.166
2.82
330
ESMH161VSN331MQ20T
25.4
20
Q20
0.502
1.35
470
ESMH161VSN471MQ25T
25.4
25
Q25
0.353
1.74
560
ESMH161VSN561MQ25T
25.4
25
Q25
0.296
1.95
680
ESMH161VSN681MQ30T
25.4
30
Q30
0.244
2.16
820
ESMH161VSN821MQ35T
25.4
35
Q35
0.202
2.45
1,000
ESMH161VSN102MQ40T
25.4
40
Q40
0.166
2.79
1,200
ESMH161VSN122MQ45T
25.4
45
Q45
0.138
3.15
1,500
ESMH161VSN152MQ50T
25.4
50
Q50
0.111
3.72
470
ESMH161VSN471MR20T
30
20
R20
0.353
1.7
680
ESMH161VSN681MR25T
30
25
R25
0.244
2.19
820
ESMH161VSN821MR30T
30
30
R30
0.202
2.5
1,000
ESMH161VSN102MR30T
30
30
R30
0.166
2.8
1,200
ESMH161VSN122MR35T
30
35
R35
0.138
3.13
1,500
ESMH161VSN152MR45T
30
45
R45
0.111
3.73
1,800
ESMH161VSN182MR50T
30
50
R50
0.092
4.2
680
ESMH161VSN681MA20T
35
20
A20
0.366
2.14
820
ESMH161VSN821MA25T
35
25
A25
0.303
2.5
1,000
ESMH161VSN102MA25T
35
25
A25
0.249
2.8
1,200
ESMH161VSN122MA30T
35
30
A30
0.207
3.27
1,500
ESMH161VSN152MA35T
35
35
A35
0.166
3.69
1,800
ESMH161VSN182MA40T
35
40
A40
0.138
4.18
2,200
ESMH161VSN222MA45T
35
45
A45
0.113
4.78
2,700
ESMH161VSN272MA50T
35
50
A50
0.092
5.45
3,300
ESMH161VSN332MA63T
35
63
A63
0.075
5.6
4,700
ESMH161VSN472MA80T
35
80
A80
0.053
7.15
1,500
ESMH161VQT152MB25T
40
25
B25
0.166
3.11
1,800
ESMH161VQT182MB30T
40
30
B30
0.138
3.56
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMH160VSN104MA80T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH160VSN104MA80T CHEMI-CON-ESMH160VSN104MA80T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH160VSN104MA80T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com