Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELXG101VSN182MA35S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXG101VSN182MA35S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXG101VSN182MA35S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXG101VSN182MA35S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXG101VSN182MA35S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXG101VSN182MA35S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Long life snap-ins, 105C
CAT. No. E1001E
@Endurance with ripple current : 105C 5000 hours
@Non solvent-proof type
@Pb-free design
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C
10 to 100Vdc
P20% (M)
I=0.02CV or 3mA, whichever is smaller.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Capacitance change : Capacitance at the lowest operating temperature shall not be less than 70% of the 20C value.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with rated ripple
current is applied for 5000 hours at 105C.
Capacitance change
[P25% of the initial value
D.F. (tanE)
[250% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C
without voltage applied.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[150% of the initial specified value
Leakage current
[The initial specified value
Characteristics
10V
0.60
16V
0.45
25V
0.30
35V
0.25
50V
0.20
63V
0.15
80 & 100V
0.15
80 & 100V
2
5
10V
4
15
16V
4
15
25V
3
10
35V
3
8
50V
2
6
63V
2
6
(at 20C, 120Hz)
(at 20C after 5 minutes)
(at 20C, 120Hz)
(at 120Hz)
?PART NUMBERING SYSTEM
longer life
LXG
KMH
?DIMENSIONS [mm]
@Terminal Code : VS (F22 to F35) : Standard
PC board pin-out
2-1.2B6
5P0.5
14.2P1
Sleeve (PET)
Vent
4.5P1
LP2
Negative mark
@Terminal Code : LI (F35)
*
4.0P0.5
Vent
Sleeve (PET)
LP2
Negative mark
PC board pin-out
2-F2
*FD=35mm : 3.5P0.5mm
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
50
0.95
0.92
120
1.00
1.00
300
1.03
1.07
1k
1.05
1.13
10k
1.08
1.19
50k
1.08
1.20
Frequency (Hz)
10 to 50Vdc
63 to 100Vdc
Please refer to "A guide to global code (snap-in type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 390MF:391,3300MF:332)
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 10V:100,100V:101)
Series code
Category
E L X G A A A V S N A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
No plastic disk is the standard design
(1/3)


Similar Part No. - ELXG101VSN182MA35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG101VSN CHEMI-CON-ELXG101VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
More results

Similar Description - ELXG101VSN182MA35S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com