Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH160VSN473MA40T Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # ESMH160VSN473MA40T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH160VSN473MA40T Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

Back Button ESMH160VSN473MA40T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 11Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 12Page - United Chemi-Con, Inc. ESMH160VSN473MA40T Datasheet HTML 13Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
100 Volts
125 Volts Surge
80 Volts
100 Volts Surge
63 Volts
79 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/15
SMH Series
Engineering Bulletin Mar 07
8,200
ESMH630VSN822MA35T
35
35
A35
0.03
4.79
10,000
ESMH630VSN103MA40T
35
40
A40
0.025
5.47
12,000
ESMH630VSN123MA45T
35
45
A45
0.021
6.19
15,000
ESMH630VSN153MA63T
35
63
A63
0.015
6.9
22,000
ESMH630VSN223MA80T
35
80
A80
0.011
8.94
6,800
ESMH630VQT682MB25T
40
25
B25
0.036
3.82
8,200
ESMH630VQT822MB30T
40
30
B30
0.029
4.39
10,000
ESMH630VQT103MB35T
40
35
B35
0.024
5.03
12,000
ESMH630VQT123MB40T
40
40
B40
0.02
5.68
18,000
ESMH630VQT183MB50T
40
50
B50
0.015
7.39
22,000
ESMH630VQT223MB63T
40
63
B63
0.013
8.72
33,000
ESMH630VQT333MB80T
40
80
B80
0.01
11.62
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
1,200
ESMH800VSN122MP25T
22
25
P25
0.207
1.69
1,500
ESMH800VSN182MP25T
22
25
P25
0.138
1.88
1,800
ESMH800VSN182MP30T
22
30
P30
0.138
2.14
2,200
ESMH800VSN222MP35T
22
35
P35
0.113
2.44
2,700
ESMH800VSN272MP40T
22
40
P40
0.092
2.78
3,300
ESMH800VSN332MP45T
22
45
P45
0.075
3.16
3,900
ESMH800VSN392MP50T
22
50
P50
0.064
3.52
1,800
ESMH800VSN182MQ25T
25.4
25
Q25
0.138
2.26
2,200
ESMH800VSN222MQ30T
25.4
30
Q30
0.113
2.46
2,700
ESMH800VSN272MQ35T
25.4
35
Q35
0.092
2.81
3,300
ESMH800VSN332MQ40T
25.4
40
Q40
0.075
3.21
3,900
ESMH800VSN392MQ45T
25.4
45
Q45
0.064
3.59
4,700
ESMH800VSN472MQ50T
25.4
50
Q50
0.053
4.05
2,200
ESMH800VSN222MR25T
30
25
R25
0.113
2.49
2,700
ESMH800VSN272MR25T
30
25
R25
0.092
2.75
3,300
ESMH800VSN332MR30T
30
30
R30
0.075
3.17
3,900
ESMH800VSN392MR35T
30
35
R35
0.064
3.57
4,700
ESMH800VSN472MR40T
30
40
R40
0.053
4.05
5,600
ESMH800VSN562MR45T
30
45
R45
0.044
4.55
6,800
ESMH800VSN682MR50T
30
50
R50
0.037
5.16
3,300
ESMH800VSN332MA25T
35
25
A25
0.075
3.21
3,900
ESMH800VSN392MA25T
35
25
A25
0.064
3.5
4,700
ESMH800VSN472MA30T
35
30
A30
0.053
4.09
5,600
ESMH800VSN562MA35T
35
35
A35
0.044
4.51
6,800
ESMH800VSN682MA40T
35
40
A40
0.037
5.14
8,200
ESMH800VSN822MA45T
35
45
A45
0.03
5.83
10,000
ESMH800VSN103MA50T
35
50
A50
0.025
6.63
12,000
ESMH800VSN123MA63T
35
63
A63
0.021
6.9
15,000
ESMH800VSN153MA80T
35
80
A80
0.017
9.04
4,700
ESMH800VQT472MB25T
40
25
B25
0.053
3.89
5,600
ESMH800VQT562MB30T
40
30
B30
0.044
4.44
6,800
ESMH800VQT682MB35T
40
35
B35
0.037
5.08
8,200
ESMH800VQT822MB40T
40
40
B40
0.03
5.75
12,000
ESMH800VQT123MB50T
40
50
B50
0.021
7.39
15,000
ESMH800VQT153MB63T
40
63
B63
0.017
8.82
22,000
ESMH800VQT223MB80T
40
80
B80
0.011
11.62
820
ESMH101VSN821MP25T
22
25
P25
0.303
1.86
1,200
ESMH101VSN122MP30T
22
30
P30
0.207
2.09
1,500
ESMH101VSN152MP35T
22
35
P35
0.166
2.41
1,800
ESMH101VSN182MP40T
22
40
P40
0.138
2.71
2,200
ESMH101VSN222MP45T
22
45
P45
0.113
3.08
2,700
ESMH101VSN272MP50T
22
50
P50
0.092
3.53
1,200
ESMH101VSN122MQ25T
25.4
25
Q25
0.207
2.1
1,500
ESMH101VSN152MQ30T
25.4
30
Q30
0.166
2.43
1,800
ESMH101VSN182MQ35T
25.4
35
Q35
0.138
2.75
2,200
ESMH101VSN222MQ40T
25.4
40
Q40
0.113
3.13
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMH160VSN473MA40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH160VSN473MA40T CHEMI-CON-ESMH160VSN473MA40T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH160VSN473MA40T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com