Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMVE251GTR220MLH0S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVE251GTR220MLH0S
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVE251GTR220MLH0S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVE251GTR220MLH0S Datasheet HTML 1Page - United Chemi-Con, Inc. EMVE251GTR220MLH0S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 105C
CAT. No. E1001E
@Rated voltage range : 6.3 to 450V, capacitance range : 0.47 to 6800MF
@Endurance : 1000 to 2000 hours at 105C
@Case size range : F4B5.2L to F18B21.5L
@Solvent-proof type except 100 to 450Vdc (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
?DIMENSIONS [mm]
(20C, 120Hz)
(20C)
(20C, 120Hz)
(120Hz)
[P20% of the initial value
[200% of the initial specified value
[The initial specified value
2000 hours
[P20% of the initial value
[200% of the initial specified value
[The initial specified value
-40 to +105C
6.3 to 450Vdc
P20%(M)
Rated voltage(Vdc)
D55 to JA0
I=0.01CV or 3MA, whichever is greater (2 minutes)
KE0 to MN0
I=0.03CV or 4MA, whichever is greater (1 minute)
I=0.04CV+100MA (1minute)
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
See STANDARD RATINGS
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for the specified
period of time at 105C.
Size code
Time
1000 hours
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours (500 hours
for B55 to F80 size) at 105C without voltage applied.
Size code
Capacitance change
[P25% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
6.3V
4
12
5
10
10V
3
8
4
8
16V
2
6
3
6
25V
2
4
2
4
35V
2
3
2
3
50V
2
3
2
3
63V
2
3
2
3
160 to 250V
-
-
3
6
400 to 450V
-
-
6
10
100V
3
4
2
3
6.3 to 100V
160 to 450V
-
D55 to JA0
KE0 to MN0
D55 to F80
HA0 to MN0
D55 to F80
HA0 to MN0
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
Characteristics
LP0.3 (Note)
0.3max.
AP0.2
W
Note : LP0.5 for HA0 to KG5
LP0.5
0.3max.
AP0.2
W
: Dummy terminals
?PART NUMBERING SYSTEM
downsized
size extended
MVE
MVK
?MARKING
7hE
22
16V
Ex)16V22MF
MVE
0V
1000
25V
Ex)25V1000MF
D55 to JA0
KE0 to MN0
Size code
D55
E55
F55
F60
F80
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
4
5
6.3
6.3
6.3
8
10
12.5
12.5
16
16
18
18
L
5.2
5.2
5.2
5.7
7.7
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
4.3
5.3
6.6
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
4.3
5.3
6.6
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
5.1
5.9
7.2
7.2
7.2
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.0
1.4
1.9
1.9
1.9
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
@Terminal Code : A
@Size code : D55 to KG5
@Terminal Code : G
@Size code : LH0 to MN0
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 0.47MF:R47,100MF:101)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,100V:101,450V:451)
Series code
Category
E M V E A A A A A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (surface mount type)"
(1/2)


Similar Part No. - EMVE251GTR220MLH0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVE251ARA100MKG5S CHEMI-CON-EMVE251ARA100MKG5S Datasheet
64Kb / 2P
   Downsized, 105C
EMVE251ARA4R7MKE0S CHEMI-CON-EMVE251ARA4R7MKE0S Datasheet
64Kb / 2P
   Downsized, 105C
EMVE251SDA220MLH0S CHEMI-CON-EMVE251SDA220MLH0S Datasheet
64Kb / 2P
   Downsized, 105C
EMVE251SDA330MLN0S CHEMI-CON-EMVE251SDA330MLN0S Datasheet
64Kb / 2P
   Downsized, 105C
EMVE251SDA330MMH0S CHEMI-CON-EMVE251SDA330MMH0S Datasheet
64Kb / 2P
   Downsized, 105C
More results

Similar Description - EMVE251GTR220MLH0S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com