Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTACD801V105SFLEZ0 Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # FTACD801V105SFLEZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FTACD801V105SFLEZ0 Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  FTACD801V105SFLEZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FTACD801V105SFLEZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FTACD801V105SFLEZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
?DIMENSIONS (mm)
W+2.5 max.
T+2.0max.
FdP0.05
MARKING
FP1.0
1000
TACD3A333S
TACD3A393S
TACD3A473S
TACD3A563S
TACD3A683S
TACD3A823S
TACD3A104S
TACD3A124S
TACD3A154S
TACD3A184S
TACD3A224S
TACD3A274S
TACD3A334S
TACD3A394S
TACD3A474S
TACD3A564S
TACD3A684S
TACD3A824S
TACD3A105S
TACD3A125S
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
16.2
18.2
23.2
28.2
8.9
9.4
10.0
10.7
11.5
12.4
12.3
13.2
14.5
13.3
14.4
15.8
17.2
18.5
20.1
19.2
20.9
22.8
24.9
27.1
8.5
9.0
9.6
10.2
11.0
11.8
11.7
12.6
13.8
12.7
13.8
15.0
16.4
17.6
19.1
18.3
19.9
21.7
23.7
25.8
10.0
12.5
17.5
22.5
0.8
1.0
2.07
2.25
2.47
2.70
2.98
3.27
3.16
3.46
3.87
3.27
3.61
4.00
4.42
4.81
5.28
4.74
5.22
5.73
6.33
6.93
250
FTACD102V333SDLCZ0
FTACD102V393SDLCZ0
FTACD102V473SDLCZ0
FTACD102V563SDLCZ0
FTACD102V683SDLCZ0
FTACD102V823SDLCZ0
FTACD102V104SHLGZ0
FTACD102V124SHLGZ0
FTACD102V154SHLGZ0
FTACD102V184SELHZ0
FTACD102V224SELHZ0
FTACD102V274SELHZ0
FTACD102V334SELHZ0
FTACD102V394SELHZ0
FTACD102V474SELHZ0
FTACD102V564SFLEZ0
FTACD102V684SFLEZ0
FTACD102V824SFLEZ0
FTACD102V105SFLEZ0
FTACD102V125SFLEZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The symbol “S” is Capacitance tolerance code. (J : P5%, K : P10%)
(2)The maximum ripple current : +85C max., 100kHz, sine wave
(3)WV(Vac) : 50Hz or 60Hz, sine wave
(3/3)


Similar Part No. - FTACD801V105SFLEZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V105SDLCZ0 CHEMI-CON-FTACB251V105SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V106SFLEZ0 CHEMI-CON-FTACB251V106SFLEZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V125SHLGZ0 CHEMI-CON-FTACB251V125SHLGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V126SFLEZ0 CHEMI-CON-FTACB251V126SFLEZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V155SHLGZ0 CHEMI-CON-FTACB251V155SHLGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
More results

Similar Description - FTACD801V105SFLEZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com