Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THA4030035F Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # THA4030035F
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

THA4030035F Datasheet(HTML) 3 Page - Pletronics, Inc.

  THA4030035F Datasheet HTML 1Page - Pletronics, Inc. THA4030035F Datasheet HTML 2Page - Pletronics, Inc. THA4030035F Datasheet HTML 3Page - Pletronics, Inc. THA4030035F Datasheet HTML 4Page - Pletronics, Inc. THA4030035F Datasheet HTML 5Page - Pletronics, Inc. THA4030035F Datasheet HTML 6Page - Pletronics, Inc. THA4030035F Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
THA4 Series
TCVCXO Oscillator
February 2009
www.pletronics.com
425-776-1880
3
Electrical Specification for specified Vcc over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
10
52
MHZ
Frequency Accuracy
1
-2.5
-0.1
+2.8
+0.1
ppm
Vcontrol 1.50 volts if used
2
Frequency Stability versus Supply
-0.2
+0.2
ppm
Load: 15 pF & V
CC
+
_ 5%
Output Waveform
CMOS
Output Level High
90
-
% of V
CC
Load: 15 pF
Output Level High
-
10
Output Rise and Fall Time
-
8
nS
10% to 90% of V
CC
Load: 15 pF
Output Duty Cycle
40
60
%
50% of V
CC
Load: 15 pF
Phase Noise
1 Hz
10 Hz
100 Hz
1 KHz
10 KHz
>10 KHz
--62
-91
-116
-137
-145
-145
dBc/Hz
V Supply Range
1
V
CC
2.7
5.5
Volts
Supply Current I
CC at 13 MHZ
I
CC at 26 MHZ
I
CC at 52 MHZ
-3.2
5.0
9.0
mA
15 pF load
Start-up time
-
10
mS
to be within ±3 ppm of the final frequency
Aging
-1.0
-0.5
+1.0
+0.5
ppm
Per year at 25
oC for the first year
For any year thereafter
Vcontrol Range
0.5
2.70
Volts
1.35 volts nominal
Vcontrol Input Current
-50
+50
uA
Frequency Pullability
1
-15
+15
ppm
Operating Temperature Range
1
-45
+85
oC
Storage Temperature Range
-55
+95
oC
1 Specified by part number
2
For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures


Similar Part No. - THA4030035F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THA402M040AC0C CDE-THA402M040AC0C Datasheet
471Kb / 7P
   High Energy Density, REACH and RoHS Compliant
More results

Similar Description - THA4030035F

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com