Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21W-V-GS08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BAV21W-V-GS08
Description  Small Signal Switching Diodes, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV21W-V-GS08 Datasheet(HTML) 5 Page - Vishay Siliconix

  BAV21W-V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAV21W-V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAV21W-V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAV21W-V-GS08 Datasheet HTML 4Page - Vishay Siliconix BAV21W-V-GS08 Datasheet HTML 5Page - Vishay Siliconix BAV21W-V-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BAV19W-V / 20W-V / 21W-V
Document Number 85725
Rev. 1.2, 22-Jul-05
Vishay Semiconductors
www.vishay.com
5
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as
their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use
of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany


Similar Part No. - BAV21W-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV21W-V-G VISHAY-BAV21W-V-G Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
More results

Similar Description - BAV21W-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com