Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMQ251VSN471MP35S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ESMQ251VSN471MP35S
Description  Snap Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMQ251VSN471MP35S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ESMQ251VSN471MP35S Datasheet HTML 1Page - United Chemi-Con, Inc. ESMQ251VSN471MP35S Datasheet HTML 2Page - United Chemi-Con, Inc. ESMQ251VSN471MP35S Datasheet HTML 3Page - United Chemi-Con, Inc. ESMQ251VSN471MP35S Datasheet HTML 4Page - United Chemi-Con, Inc. ESMQ251VSN471MP35S Datasheet HTML 5Page - United Chemi-Con, Inc. ESMQ251VSN471MP35S Datasheet HTML 6Page - United Chemi-Con, Inc. ESMQ251VSN471MP35S Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 7
SMQ Series
The SMQ series is a high voltage snap-in capacitor series that offers downsized versions of the
current miniaturized SMM series. These capacitors have a rated lifetime of 2,000 hours at
85 C
with the rated ripple current applied. With high ripple current capability and higher CV per case
size than the SMM series, the SMQ capacitors are suitable for many downsized power supply
circuits. The standard SMQ capacitors have a 2-pin snap-in terminal style. The SMQ series is
RoHS compliant offering Pb-free construction and PET (polyester ) sleeves with no end disk as
the standard.
The standard SMQ series capacitors are not solvent proof. Refer to guidelines and precautions on the
website for usage and installation conditions recommended for United Chemi-Con products.
Snap Mount
Downsize
Large
Capacitance
RoHS
Compliant
85 C
Maximum
Temperature
PC board 2-pin snap-in terminals.
Capacitance range: 82 to 3,900µF.
Voltage range: 160 to 450VDC.
Category temperature range:
25 Cto
85 C.
Leakage current: 3 CV (µA) maximum after 5 minutes at
20 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 22
25mm to 35
50mm.
Rated lifetime: 2,000 hours at
85 C with the rated ripple current applied.
Summary of Specifications
SMQ SERIES
Engineering Bulletin Mar 07


Similar Part No. - ESMQ251VSN471MP35S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESMQ251VSN471MP35S ETC2-ESMQ251VSN471MP35S Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMQ251VSN471MP35S CHEMI-CON-ESMQ251VSN471MP35S Datasheet
74Kb / 3P
   Downsized snap-ins, 85
More results

Similar Description - ESMQ251VSN471MP35S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com