Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32D160HPN823MA92M Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # E32D160HPN823MA92M
Description  Screw Terminals
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32D160HPN823MA92M Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button E32D160HPN823MA92M Datasheet HTML 4Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 5Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 6Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 7Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 8Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 9Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 10Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 11Page - United Chemi-Con, Inc. E32D160HPN823MA92M Datasheet HTML 12Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
250 Volts
300 Volts Surge
200 Volts
250 Volts Surge
160 Volts
200 Volts Surge
U32D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10 / 12
680
E32D201HPN681MA41M
1.375
1.625
A41
192.4
2.28
1,000
E32D201HPN102MA54M
1.375
2.125
A54
128.5
2.96
1,500
E32D201HPN152MA67M
1.375
2.625
A67
86.3
3.68
1,800
E32D201HPN182MA79M
1.375
3.125
A79
71.8
4.46
2,200
E32D201HPN222MA92M
1.375
3.625
A92
59.1
5.14
2,700
E32D201HPN272MAA5M
1.375
4.125
AA5
48.7
6.22
3,300
E32D201HPN332MAB7M
1.375
4.625
AB7
40.4
7.03
3,900
E32D201HPN392MAD0M
1.375
5.125
AD0
34.7
8.03
1,500
E32D201HPN152MC48M
2.000
1.875
C48
110.7
4.09
2,200
E32D201HPN222MC54M
2.000
2.125
C54
63.1
5.19
3,300
E32D201HPN332MC67M
2.000
2.625
C67
42.2
6.76
3,900
E32D201HPN392MC79M
2.000
3.125
C79
35.2
7.88
5,600
E32D201HPN562MC92M
2.000
3.625
C92
25.1
10.09
8,200
E32D201HPN822MCB7M
2.000
4.625
CB7
17.8
13.59
10,000
E32D201HPN103MCE3M
2.000
5.625
CE3
14.8
16.44
6,800
E32D201HPN682MD79M
2.500
3.125
D79
23.6
10.27
10,000
E32D201HPN103MDA5M
2.500
4.125
DA5
16.5
14.06
12,000
E32D201HPN123MDB7M
2.500
4.625
DB7
13.8
16.14
15,000
E32D201HPN153MDE3M
2.500
5.625
DE3
11.5
19.74
12,000
E32D201HPN123ME92M
3.000
3.625
E92
16.4
16.07
15,000
E32D201HPN153MEA5M
3.000
4.125
EA5
13.7
18.99
18,000
E32D201HPN183MEB7M
3.000
4.625
EB7
11.9
21.79
22,000
E32D201HPN223MEE3M
3.000
5.625
EE3
9.8
26.29
33,000
E32D201HPN333MEN0M
3.000
8.625
EN0
6.8
39.03
2,200
E32D161HPN222MC48M
2.000
1.875
C48
74.6
4.29
2,700
E32D161HPN272MC54M
2.000
2.125
C54
59.6
4.98
3,900
E32D161HPN392MC67M
2.000
2.625
C67
41.1
6.36
5,600
E32D161HPN562MC79M
2.000
3.125
C79
29.4
8.18
6,800
E32D161HPN682MC92M
2.000
3.625
C92
24.0
9.63
8,200
E32D161HPN822MCA5M
2.000
4.125
CA5
20.5
11.21
10,000
E32D161HPN103MCB7M
2.000
4.625
CB7
17.0
12.99
12,000
E32D161HPN123MCE3M
2.000
5.625
CE3
14.3
15.60
8,200
E32D161HPN822MD79M
2.500
3.125
D79
22.6
11.28
12,000
E32D161HPN123MDA5M
2.500
4.125
DA5
15.8
15.40
18,000
E32D161HPN183MDB7M
2.500
4.625
DB7
11.8
19.77
18,000
E32D161HPN183ME92M
3.000
3.625
E92
14.7
19.68
22,000
E32D161HPN223MEB7M
3.000
4.625
EB7
11.3
24.09
27,000
E32D161HPN273MED0M
3.000
5.125
ED0
9.9
27.93
47,000
E32D161HPN473MEN0M
3.000
8.625
EN0
6.2
46.58
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
470
E32D251HPN471MA41M
1.375
1.625
A41
273.0
1.89
820
E32D251HPN821MA54M
1.375
2.125
A54
155.3
2.68
1,200
E32D251HPN122MA67M
1.375
2.625
A67
106.5
3.29
1,500
E32D251HPN152MA79M
1.375
3.125
A79
85.3
3.53
1,800
E32D251HPN182MA92M
1.375
3.625
A92
71.3
4.02
2,200
E32D251HPN222MAA5M
1.375
4.125
AA5
58.8
4.86
2,700
E32D251HPN272MAB7M
1.375
4.625
AB7
48.5
5.51
3,300
E32D251HPN332MAE3M
1.375
5.625
AE3
40.0
6.69
1,200
E32D251HPN122MC48M
2.000
1.875
C48
112.1
3.17
1,500
E32D251HPN152MC54M
2.000
2.125
C54
88.4
3.71
2,200
E32D251HPN222MC67M
2.000
2.625
C67
60.1
4.78
3,300
E32D251HPN332MC79M
2.000
3.125
C79
41.0
6.28
3,900
E32D251HPN392MC92M
2.000
3.625
C92
34.6
7.29
4,700
E32D251HPN472MCA5M
2.000
4.125
CA5
29.0
8.49
5,600
E32D251HPN562MCB7M
2.000
4.625
CB7
24.7
9.72
6,800
E32D251HPN682MCD0M
2.000
5.125
CD0
20.7
11.24
5,600
E32D251HPN562MD79M
2.500
3.125
D79
27.7
9.32
8,200
E32D251HPN822MDA5M
2.500
4.125
DA5
19.3
12.73
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E32D160HPN823MA92M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D160HPN823MA92M CHEMI-CON-E32D160HPN823MA92M Datasheet
148Kb / 12P
   Large Can
More results

Similar Description - E32D160HPN823MA92M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com