Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHA6029036HF Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # VHA6029036HF
Description  3.3V VCXO CMOS Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHA6029036HF Datasheet(HTML) 5 Page - Pletronics, Inc.

  VHA6029036HF Datasheet HTML 1Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 2Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 3Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 4Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 5Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 6Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 7Page - Pletronics, Inc. VHA6029036HF Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VHA6 Series 3.3V
VCXO CMOS Oscillator
January 2007
www.pletronics.com
425-776-1880
5
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII


Similar Part No. - VHA6029036HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHA412 VISHAY-VHA412 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA414 VISHAY-VHA414 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA512 VISHAY-VHA512 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA516-4 VISHAY-VHA516-4 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA516-5 VISHAY-VHA516-5 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
More results

Similar Description - VHA6029036HF

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHD6031035AA PLETRONICS-VHD6031035AA Datasheet
143Kb / 7P
   3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
   3.3V CMOS 38.880MHz SONET VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
   3.3V CMOS 153.6MHz WiMAX VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
   3.3V CMOS 35.328MHz DSL VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
   3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
   3.3V CMOS 16.384MHz Telecom VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
   3.3V CMOS 125.000MHz Ethernet VCXO
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
   3.3V CMOS 25.000MHz Ethernet VCXO
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com