Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETOR501CTN272MEB7M Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # ETOR501CTN272MEB7M
Description  Screw Terminals
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ETOR501CTN272MEB7M Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

  ETOR501CTN272MEB7M Datasheet HTML 1Page - United Chemi-Con, Inc. ETOR501CTN272MEB7M Datasheet HTML 2Page - United Chemi-Con, Inc. ETOR501CTN272MEB7M Datasheet HTML 3Page - United Chemi-Con, Inc. ETOR501CTN272MEB7M Datasheet HTML 4Page - United Chemi-Con, Inc. ETOR501CTN272MEB7M Datasheet HTML 5Page - United Chemi-Con, Inc. ETOR501CTN272MEB7M Datasheet HTML 6Page - United Chemi-Con, Inc. ETOR501CTN272MEB7M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7
UTOR Series
Engineering Bulletin Mar 07
350 Volts
400 Volts Surge
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
105 C
120Hz
300Hz
>3kHz
1,800
ETOR351CTN182ME54M
76
54
E54
44
11.8
14.1
16.5
2,700
ETOR351CTN272ME67M
76
67
E67
30
15.4
18.5
21.6
3,300
ETOR351CTN332ME79M
76
79
E79
24
17.1
20.5
23.9
4,700
ETOR351CTN472ME92M
76
92
E92
17
21.6
26.0
30.3
5,600
ETOR351CTN562MEA5M
76
105
EA5
14
24.9
29.9
34.9
6,800
ETOR351CTN682MED0M
76
130
ED0
12
30.2
36.2
42.2
8,200
ETOR351CTN822MEE3M
76
143
EE3
10
34.5
41.4
48.3
10,000
ETOR351CTN103MEG8M
76
168
EG8
8
41.0
49.2
57.4
400 Volts
450 Volts Surge
1,500
ETOR401CTN152ME54M
76
54
E54
53
10.7
12.9
15.0
2,200
ETOR401CTN222ME67M
76
67
E67
36
13.9
16.7
19.5
2,700
ETOR401CTN272ME79M
76
79
E79
30
15.4
18.5
21.6
3,300
ETOR401CTN332ME92M
76
92
E92
24
18.1
21.8
25.4
3,900
ETOR401CTN392MEA5M
76
105
EA5
21
20.8
25.0
29.1
4,700
ETOR401CTN472MEB7M
76
117
EB7
17
24.0
28.8
33.6
5,600
ETOR401CTN562MED0M
76
130
ED0
14
27.4
32.9
38.3
6,800
ETOR401CTN682MEE3M
76
143
EE3
12
31.4
37.7
44.0
8,200
ETOR401CTN822MEG8M
76
168
EG8
10
37.1
44.5
52.0
420 Volts
470 Volts Surge
1,200
ETOR421CTN122ME54M
76
54
E54
89
9.3
11.1
13.0
1,800
ETOR421CTN182ME67M
76
67
E67
59
12.2
14.6
17.1
2,200
ETOR421CTN222ME79M
76
79
E79
40
14.9
17.9
20.9
3,300
ETOR421CTN332ME92M
76
92
E92
32
17.5
21.0
24.5
3,900
ETOR421CTN392MEA5M
76
105
EA5
27
20.1
24.1
28.2
4,700
ETOR421CTN472MED0M
76
130
ED0
23
24.2
29.1
33.9
5,600
ETOR421CTN562MEE3M
76
143
EE3
19
27.6
33.1
38.6
6,800
ETOR421CTN682MEG8M
76
168
EG8
16
32.7
39.2
45.7
450 Volts
500 Volts Surge
1,000
ETOR451CTN102ME54M
76
54
E54
89
9.3
11.1
13.0
1,500
ETOR451CTN152ME67M
76
67
E67
59
12.2
14.6
17.1
2,200
ETOR451CTN222ME79M
76
79
E79
48
13.5
16.2
18.9
2,700
ETOR451CTN272ME92M
76
92
E92
40
15.9
19.0
22.2
3,300
ETOR451CTN332MEA5M
76
105
EA5
32
18.5
22.2
25.9
3,900
ETOR451CTN392MEB7M
76
117
EB7
27
21.1
25.3
29.6
4,700
ETOR451CTN472MED0M
76
130
ED0
23
24.2
29.1
33.9
5,600
ETOR451CTN562MEF5M
76
155
EF5
19
28.6
34.3
40.1
500 Volts
550 Volts Surge
680
ETOR501CTN681ME54M
76
54
E54
206
6.5
7.8
9.1
1,000
ETOR501CTN102ME67M
76
67
E67
140
8.4
10.1
11.8
1,500
ETOR501CTN152ME79M
76
79
E79
93
10.3
12.4
14.4
1,800
ETOR501CTN182ME92M
76
92
E92
78
12.0
14.4
16.8
2,200
ETOR501CTN222MEA5M
76
105
EA5
64
14.0
16.8
19.6
2,700
ETOR501CTN272MEB7M
76
117
EB7
52
16.3
19.5
22.8
3,300
ETOR501CTN332MEE3M
76
143
EE3
42
19.6
23.5
27.4
3,900
ETOR501CTN392MEG8M
76
168
EG8
36
22.1
26.5
31.0
For mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ETOR501CTN272MEB7M

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ETO-SX ETA-USA-ETO-SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO200SX ETA-USA-ETO200SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO24SX ETA-USA-ETO24SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO26SX ETA-USA-ETO26SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO28SX ETA-USA-ETO28SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
More results

Similar Description - ETOR501CTN272MEB7M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com