Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THA4027055E Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # THA4027055E
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

THA4027055E Datasheet(HTML) 5 Page - Pletronics, Inc.

  THA4027055E Datasheet HTML 1Page - Pletronics, Inc. THA4027055E Datasheet HTML 2Page - Pletronics, Inc. THA4027055E Datasheet HTML 3Page - Pletronics, Inc. THA4027055E Datasheet HTML 4Page - Pletronics, Inc. THA4027055E Datasheet HTML 5Page - Pletronics, Inc. THA4027055E Datasheet HTML 6Page - Pletronics, Inc. THA4027055E Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
THA4 Series
TCVCXO Oscillator
February 2009
www.pletronics.com
425-776-1880
5
12
4
3
1
4
2
3
Mechanical:
Not to Scale
Inches
mm
A
0.276 +
_0.006
7.00 +
_0.15
Pad
Function
Note
B
0.197 +
_0.006
5.00 +
_0.15
1
Vcontrol Input
If this function is not specified, recommend
connecting this pad to ground.
C
0.074 +
_0.006
1.88 +
_0.15
D
1
0.039
1.00
2
Ground (GND)
E
1
0.197
5.00
3
Output
F
1
0.025
0.90
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power
supply bypass capacitors as close as
possible.
G
1
0.118
3.00
H
1
0.020
0.50
J
1
0.051
1.30
K
1
0.154
3.90
1 Typic dimensions
Contacts :
Gold 11.8 µinches
0.3 µm minimum over Nickel 50 to 350 µinches
1.27 to 8.89 µm
There are additional pads on the package bottom, these are not to be connected to any traces on the
PCB, solder masking on the PCB should be used to make sure no contact is made.


Similar Part No. - THA4027055E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THA402M040AC0C CDE-THA402M040AC0C Datasheet
471Kb / 7P
   High Energy Density, REACH and RoHS Compliant
More results

Similar Description - THA4027055E

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com