Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E767160VGS562MT41C Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # E767160VGS562MT41C
Description  Large Tubulars
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767160VGS562MT41C Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  E767160VGS562MT41C Datasheet HTML 1Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 2Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 3Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 4Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 5Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 6Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 7Page - United Chemi-Con, Inc. E767160VGS562MT41C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/8
U767D Series
VGS Vertical Mount for
3 Lead Keyed Polarity Radial (Standard )
VTX Horizontal Mount for Ø0.750 (Ø19.0 )
VTX Horizontal Mount for Ø0.875 and Ø1.000 (Ø22.2 and Ø25.4)
Unit: inches (mm )
Diagram of Dimensions - Large Tubulars
Ø
D
Diameter
0.750
0.875
1.000
A1
0.015
0.300
0.400
0.400
B1
0.020
0.167
0.228
0.228
C1
0.015
0.100
0.150
0.150
C2
0.020
0.200
0.300
0.300
P
0.015
R
0.004
0.250
0.250
0.250
0.203
0.265
0.328
VGS Lead Spacing in Inches
Ø
D
Diameter
19.0
22.2
25.4
A1
0.40
7.6
10.2
10.2
B1
0.50
4.2
5.8
5.8
C1
0.40
2.5
3.8
3.8
C2
0.50
5.1
7.6
7.6
P
0.40
R
0.10
6.3
6.3
6.3
5.2
6.7
8.3
VGS Lead Spacing in Millimeters
Ø
D
Diameter
0.750
0.875
1.000
A
0.040
L
0.255
L
0.255
L
0.255
B
0.020
0.100
0.100
0.100
C
0.020
0.138
0.138
0.138
E
0.020
0.125
0.213
0.213
F
0.020
G
0.020
0.250
0.425
0.425
0.080
0.080
VTX Lead Spacing in Inches
Ø
D
Diameter
19.0
22.2
25.4
A
1.00
L
6.5
L
6.5
L
6.5
B
0.50
2.5
2.5
2.5
C
0.50
3.5
3.5
3.5
E
0.50
3.2
5.4
5.4
F
0.50
G
0.50
6.4
10.8
10.8
2.0
2.0
VTX Lead Spacing in Millimeters
Case
Size
Code
T29
T35
T41
T54
T67
T79
P29
P35
P41
P54
P67
P79
Q29
Q35
Q41
Q54
Q67
Q79
Q92
0.750
0.875
1.000
1.125
1.375
1.625
2.125
2.625
3.125
1.125
1.375
1.625
2.125
2.625
3.125
1.125
1.375
1.625
2.125
2.625
3.125
3.625
1.165
1.415
1.665
2.165
2.665
3.165
1.165
1.415
1.665
2.165
2.665
3.165
1.165
1.415
1.665
2.165
2.665
3.165
3.665
0.040
0.040
0.040
0.458
0.635
0.811
0.988
1.164
1.340
0.635
0.881
1.093
1.340
1.587
1.834
0.811
0.988
1.129
1.446
1.764
2.081
2.399
Ø
D
0.040
With
Sleeve
L
0.080
With
Sleeve
H
0.080
With
Standoffs
Ø
d
0.004
Terminal
Diameter
Typical
Weight
(ounces)
VGS and VTX Dimensions in Inches
Case
Size
Code
T29
T35
T41
T54
T67
T79
P29
P35
P41
P54
P67
P79
Q29
Q35
Q41
Q54
Q67
Q79
Q92
19.0
22.2
25.4
29.0
35.0
41.0
54.0
67.0
79.0
29.0
35.0
41.0
54.0
67.0
79.0
29.0
35.0
41.0
54.0
67.0
79.0
92.0
30.0
36.0
42.0
55.0
68.0
80.0
30.0
36.0
42.0
55.0
68.0
80.0
30.0
36.0
42.0
55.0
68.0
80.0
93.0
1.00
1.00
1.00
13
18
23
28
33
38
18
25
31
38
45
52
23
28
32
41
50
59
68
Ø
D
1.00
With
Sleeve
L
2.00
With
Sleeve
H
2.00
With
Standoffs
Ø
d
0.10
Terminal
Diameter
Typical
Weight
(grams)
VGS and VTX Dimensions in Millimeters
C2
C1
A1
B1
R Radius
0.025 MIN.
(0.63)
L
d
H
P
PET Sleeve
Vent
D
120
°Typ.
F
E
L
A
C
B
B
PET Sleeve
Inactive Lead For
Mounting Support
Vent
C
d
D
R Radius
( Same as VGS )
0.025 (0.63) MIN.
F
E
G
L
A
C
B
B
PET Sleeve
Inactive Lead For
Mounting Support
Vent
D
C
d
Engineering Bulletin Mar 07


Similar Part No. - E767160VGS562MT41C

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E76 GILWAY-E76 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Keysight Technologies
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7630A KEYSIGHT-E7630A Datasheet
1Mb / 10P
   UXM Wireless Test Set
More results

Similar Description - E767160VGS562MT41C

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E7876R3VGS332MT29C CHEMI-CON-E7876R3VGS332MT29C Datasheet
134Kb / 7P
   Large Tubulars
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com