Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36D100HPN824MDE3M Datasheet(PDF) 11 Page - United Chemi-Con, Inc.

Part # E36D100HPN824MDE3M
Description  Screw Terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D100HPN824MDE3M Datasheet(HTML) 11 Page - United Chemi-Con, Inc.

Back Button E36D100HPN824MDE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 9Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 10Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 11Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 12Page - United Chemi-Con, Inc. E36D100HPN824MDE3M Datasheet HTML 13Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
350 Volts
400 Volts Surge
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
11/ 13
U36D Series
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
10,000
E36D251HPN103MDB7M
2.500
4.625
DB7
18.4
13.28
12,000
E36D251HPN123MDE3M
2.500
5.625
DE3
13.6
15.91
10,000
E36D251HPN103ME92M
3.000
3.625
E92
18.8
13.22
12,000
E36D251HPN123MEA5M
3.000
4.125
EA5
15.9
15.31
15,000
E36D251HPN153MED0M
3.000
5.125
ED0
12.6
18.76
18,000
E36D251HPN183MEE3M
3.000
5.625
EE3
11.2
21.43
27,000
E36D251HPN273MEN0M
3.000
8.625
EN0
7.7
31.82
220
E36D351HPN221MA41M
1.375
1.625
A41
887.0
1.17
330
E36D351HPN331MA54M
1.375
2.125
A54
545.0
1.53
470
E36D351HPN471MA67M
1.375
2.625
A67
379.0
1.91
680
E36D351HPN681MA79M
1.375
3.125
A79
262.0
2.47
820
E36D351HPN821MA92M
1.375
3.625
A92
217.0
2.91
1,000
E36D351HPN102MAA5M
1.375
4.125
AA5
178.0
3.41
1,200
E36D351HPN122MAD0M
1.375
5.125
AD0
148.0
4.01
470
E36D351HPN471MC48M
2.000
1.875
C48
390.0
2.06
680
E36D351HPN681MC54M
2.000
2.125
C54
267.0
2.60
1,000
E36D351HPN102MC67M
2.000
2.625
C67
180.0
3.35
1,200
E36D351HPN122MC79M
2.000
3.125
C79
149.0
3.94
1,800
E36D351HPN182MC92M
2.000
3.625
C92
100.0
5.15
2,200
E36D351HPN222MCA5M
2.000
4.125
CA5
82.5
6.04
2,700
E36D351HPN272MCB7M
2.000
4.625
CB7
67.3
7.03
3,300
E36D351HPN332MCE3M
2.000
5.625
CE3
55.3
8.51
2,200
E36D351HPN222MD79M
2.500
3.125
D79
84.5
6.08
3,300
E36D351HPN332MDA5M
2.500
4.125
DA5
56.6
8.40
3,900
E36D351HPN392MDB7M
2.500
4.625
DB7
47.9
9.58
4,700
E36D351HPN472MDD0M
2.500
5.125
DD0
40.4
11.02
3,900
E36D351HPN392ME92M
3.000
3.625
E92
49.9
9.54
4,700
E36D351HPN472MEA5M
3.000
4.125
EA5
41.7
11.06
5,600
E36D351HPN562MEB7M
3.000
4.625
EB7
35.3
12.65
6,800
E36D351HPN682MED0M
3.000
5.125
ED0
29.6
14.59
8,200
E36D351HPN822MEE3M
3.000
5.625
EE3
25.1
16.70
12,000
E36D351HPN123MEN0M
3.000
8.625
EN0
17.4
24.49
6,800
E36D351LLN682MFA5M
3.500
4.125
FA5
32.0
11.39
8,200
E36D351LLN822MFB7M
3.500
4.625
FB7
27.0
12.88
10,000
E36D351LLN103MFE3M
3.500
5.625
FE3
23.0
15.17
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
390
E36D3B1HPN391MA54M
1.375
2.125
A54
513.0
1.44
560
E36D3B1HPN391MA67M
1.375
2.625
A67
356.0
1.80
820
E36D3B1HPN821MA79M
1.375
3.125
A79
243.0
2.35
1,000
E36D3B1HPN102MA92M
1.375
3.625
A92
200.0
2.78
1,200
E36D3B1HPN122MAB7M
1.375
4.625
AB7
166.0
3.31
1,500
E36D3B1HPN152MAD0M
1.375
5.125
AD0
133.0
3.89
560
E36D3B1HPN561MC48M
2.000
1.875
C48
366.0
1.95
820
E36D3B1HPN821MC54M
2.000
2.125
C54
248.0
2.47
1,200
E36D3B1HPN122MC67M
2.000
2.625
C67
168.0
3.18
1,500
E36D3B1HPN152MC79M
2.000
3.125
C79
134.0
3.81
2,200
E36D3B1HPN222MC92M
2.000
3.625
C92
92.0
4.94
2,700
E36D3B1HPN272MCB7M
2.000
4.625
CB7
74.9
6.09
3,300
E36D3B1HPN332MCD0M
2.000
5.125
CD0
61.8
7.06
3,900
E36D3B1HPN392MCE3M
2.000
5.625
CE3
52.5
8.01
2,700
E36D3B1HPN272MD79M
2.500
3.125
D79
77.5
5.83
3,900
E36D3B1HPN392MDA5M
2.500
4.125
DA5
53.8
7.91
4,700
E36D3B1HPN472MDB7M
2.500
4.625
DB7
44.7
9.11
5,600
E36D3B1HPN562MDD0M
2.500
5.125
DD0
38.1
10.41
4,700
E36D3B1HPN472ME92M
3.000
3.625
E92
46.8
9.07
5,600
E36D3B1HPN562MEA5M
3.000
4.125
EA5
39.4
10.46
6,800
E36D3B1HPN682MEB7M
3.000
4.625
EB7
32.9
12.07
8,200
E36D3B1HPN822MED0M
3.000
5.125
ED0
27.8
13.87
15,000
E36D3B1HPN153MEN0M
3.000
8.625
EN0
15.9
23.71


Similar Part No. - E36D100HPN824MDE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D100HPN824MDE3M CHEMI-CON-E36D100HPN824MDE3M Datasheet
143Kb / 13P
   Large Can
More results

Similar Description - E36D100HPN824MDE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com