Electronic Components Datasheet Search |
|
VHA6029036AF Datasheet(PDF) 6 Page - Pletronics, Inc. |
|
VHA6029036AF Datasheet(HTML) 6 Page - Pletronics, Inc. |
6 / 8 page VHA6 Series 3.3V VCXO CMOS Oscillator January 2007 www.pletronics.com 425-776-1880 6 Mechanical: Inches mm A 0.276 +_0.006 7.00 +_0.15 B 0.197 +_0.006 5.00 +_0.15 C 0.073 +_0.012 1.87 +_0.30 D1 0.038 0.96 E1 0.200 5.08 F1 0.004 0.10 G1 0.050 1.27 H1 0.055 1.40 Contacts : Gold 11.8 μinches 0.3 μm minimum over Nickel 50 to 350 μinches 1.27 to 8.89 μm 1 Typical dimensions Not to Scale I1 0.024 0.60 J1 0.004R 0.10R K1 0.008R 0.20R Pad Function Note 1 Vcontrol Input 2 Output Enable/ Disable When this pad is not connected, the oscillator shall operate When this pad is logic low, the output will be inhibited (high impedance state) Recommend connecting this pad to V cc if the oscillator is to be always on 3 Ground (GND) 4 Output 5 N.C. No Internal connection, pad may be connected to ground or V CC 6 Supply Voltage (V CC) Recommend connecting appropriate power supply bypass capacitors as close as possible. Layout and application information For Optimum Jitter Performance, Pletronics recommends: • a ground plane under the device • no large transient signals (both current and voltage) should be routed under the device do not layout near a large magnetic field such as a high frequency switching power supply • do not place near piezoelectric buzzers or mechanical fans. |
Similar Part No. - VHA6029036AF |
|
Similar Description - VHA6029036AF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |