Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT85S-TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT85S-TR
Description  Small Signal Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT85S-TR Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT85S-TR Datasheet HTML 1Page - Vishay Siliconix BAT85S-TR Datasheet HTML 2Page - Vishay Siliconix BAT85S-TR Datasheet HTML 3Page - Vishay Siliconix BAT85S-TR Datasheet HTML 4Page - Vishay Siliconix BAT85S-TR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85513
Rev. 1.8, 26-Feb-07
BAT85S
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
240
mV
IF = 1 mA
VF
320
mV
IF = 10 mA
VF
400
mV
IF = 30 mA
VF
500
mV
IF = 100 mA
VF
800
mV
Reverse current
VR = 25 V
IR
2µA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
10
pF
Reverse Recovery Time
IF = 10 mA to IR = 10 mA to iR = 1 mA
trr
5ns
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
Figure 2. Reverse Current vs. Junction Temperature
0
20
40
60
80
100
120
140
160
180
200
25
50
75
100
125
150
T
j - Junction Temperature (°C)
15822
V
R = 30 V
R
thJA = 540 kW
P
R - Limit
at 100 % V
R
P
R - Limit
at 80 % V
R
1
10
100
1000
25
50
75
100
125
150
15823
V
R = VRRM
T
j - Junction Temperature (°C)
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
0
0.5
1.0
1.5
15824
0.1
1
10
100
1000
T
j = 125 °C
V
F - Forward Voltage (V)
T
j = 25 °C
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
15825
f = 1 MHz
V
R - Reverse Voltage (V)


Similar Part No. - BAT85S-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT85S VISHAY-BAT85S Datasheet
39Kb / 4P
   Schottky Barrier Diode
Rev. 3, 01-Apr-99
BAT85S VISHAY-BAT85S Datasheet
175Kb / 6P
   Small Signal Schottky Diode
Rev. 1.9, 23-Jul-10
BAT85S VISHAY-BAT85S Datasheet
105Kb / 4P
   Small Signal Schottky Diode
Rev. 1.9, 23-Jul-10
logo
SUNMATE electronic Co.,...
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
   200mA Surface Mount Schottky Barrier Diodes
logo
Vishay Siliconix
BAT85S VISHAY-BAT85S Datasheet
83Kb / 3P
   Small Signal Schottky Diode
01-Jan-2022
More results

Similar Description - BAT85S-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com