Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMM181VSN471MQ25T Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # ESMM181VSN471MQ25T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM181VSN471MQ25T Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  ESMM181VSN471MQ25T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM181VSN471MQ25T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/ 11
SMM Series
SMM Specifications - Snap Mount
Item
Category Temperature Range
25 to
85 C
Rated Voltage Range
160 to 450VDC
Capacitance Range
47 to 3,300 F
Capacitance Tolerance
20% ( M ) at
20 C, 120Hz
Leakage Current
I
≤ 3 CV ( A) after 5 minutes at 20 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Characteristics
Rated Voltage ( V )
Tan
( DF ) Max.
160 - 400
0.15
420 - 450
0.20
Dissipation Factor ( Tan )At
20 C, 120Hz
Rated Voltage ( V )
Z( 25 C) / Z ( 20 C)
160 - 400
4
420 - 450
8
Low Temperature
Characteristics
At 120Hz, impedance ( Z ) ratio between the
25 C value and
20 C value shall not exceed
the values given below.
Rated Ripple Current Multipliers
Ambient Temperature ( C)
45 C
1.73
60 C
1.50
70 C
1.32
85 C
1.00
Frequency (Hz )
DC Rated Voltage
160 - 250V
315-450V
50Hz
0.81
0.77
120Hz
1.00
1.00
300Hz
1.17
1.16
1kHz
1.32
1.30
10kHz
1.45
1.41
50kHz
1.50
1.43
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
20 C after
exposing them for 1,000 hours at
85 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 15% of initial measured value
Tan
(DF)
:
≤ 150% of initial specified value
Leakage current
:
≤ initial specified value
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
20 C after
subjecting them to DC voltage for 3,000 hours at
85 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 200% of initial specified value
Leakage current
:
≤ initial specified value
Engineering Bulletin Mar 07


Similar Part No. - ESMM181VSN471MQ25T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM181VSN471MQ25T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com