Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHD6031035AE Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # VHD6031035AE
Description  3.3V VCXO CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHD6031035AE Datasheet(HTML) 1 Page - Pletronics, Inc.

  VHD6031035AE Datasheet HTML 1Page - Pletronics, Inc. VHD6031035AE Datasheet HTML 2Page - Pletronics, Inc. VHD6031035AE Datasheet HTML 3Page - Pletronics, Inc. VHD6031035AE Datasheet HTML 4Page - Pletronics, Inc. VHD6031035AE Datasheet HTML 5Page - Pletronics, Inc. VHD6031035AE Datasheet HTML 6Page - Pletronics, Inc. VHD6031035AE Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2008, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processing does not necessarily include testing of all parameters.
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
• Pletronics’ VHD6 Series is a voltage controlled
crystal oscillator with a CMOS output.
• This model uses fundamental mode crystals
with no multiplication circuits.
• Tape and Reel or tube packaging is available.
• 10 to 108 MHZ
• 3.2 x 5 mm Ceramic LCC Package
• Voltage Control Function on pad 1
• Enable/ Disable Function on pad 2
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.09 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +5.5V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 60 to 100
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - VHD6031035AE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
VHD0690 PANASONIC-VHD0690 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD6031035AE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
   3.3V CMOS 38.880MHz SONET VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
   3.3V CMOS 153.6MHz WiMAX VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
   3.3V CMOS 35.328MHz DSL VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
   3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
   3.3V CMOS 16.384MHz Telecom VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
   3.3V CMOS 125.000MHz Ethernet VCXO
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
   3.3V CMOS 25.000MHz Ethernet VCXO
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com