Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETOR421CTN392MEA5M Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ETOR421CTN392MEA5M
Description  Screw Terminals
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ETOR421CTN392MEA5M Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ETOR421CTN392MEA5M Datasheet HTML 1Page - United Chemi-Con, Inc. ETOR421CTN392MEA5M Datasheet HTML 2Page - United Chemi-Con, Inc. ETOR421CTN392MEA5M Datasheet HTML 3Page - United Chemi-Con, Inc. ETOR421CTN392MEA5M Datasheet HTML 4Page - United Chemi-Con, Inc. ETOR421CTN392MEA5M Datasheet HTML 5Page - United Chemi-Con, Inc. ETOR421CTN392MEA5M Datasheet HTML 6Page - United Chemi-Con, Inc. ETOR421CTN392MEA5M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/7
UTOR Series
Engineering Bulletin Mar 07
Diagram of Dimensions - Screw Terminals
Unit: mm and inches
Case Size
Code
E54
E67
E79
E92
EA5
EB7
ED0
EE3
EF5
EG8
76
76
76
76
76
76
76
76
76
76
54
67
79
92
105
117
130
143
155
168
61
74
86
99
112
124
137
150
162
175
Ø
D
2.0
L
2.0
H
1.0
16.3
18.9
9.5
31.8
Ø
A
0.20
Ø
A
'
0.30
B
0.5
F
0.25
Case Dimensions in Millimeters
0.642
0.744
0.374
1.250
Ø
A
0.008
Ø
A
'
0.012
B
0.020
F
0.010
Case Dimensions in Inches
Terminal
Code
CT
10.5
7.0
13.0
18.5
J
0.50
Ø
S
0.25
Ø
T
0.25
Terminal Specifications in Millimeters
Thread
Size
Minimum
Thread
Depth
M5x0.8
Terminal
Code
CT
0.413
0.276
0.512
0.728
J
0.020
Ø
S
0.010
Ø
T
0.010
Terminal Specifications in Inches
Thread
Size
Minimum
Thread
Depth
M5x0.8
Insulating
End-Disk
Insulation
Crimped
Case
B
H
L
S
A
T
D
A
'
Vent
Toroidal
Core
J
F
45
M5
Thread
Toroidal Large Can / Screw Terminals
Case Size
Code
E54
E67
E79
E92
EA5
EB7
ED0
EE3
EF5
EG8
3.000
3.000
3.000
3.000
3.000
3.000
3.000
3.000
3.000
3.000
2.125
2.625
3.125
3.625
4.125
4.625
5.125
5.625
6.125
6.625
2.402
2.913
3.386
3.898
4.409
4.882
5.394
5.906
6.378
6.890
Ø
D
0.080
L
0.080
H
0.040


Similar Part No. - ETOR421CTN392MEA5M

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ETO-SX ETA-USA-ETO-SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO200SX ETA-USA-ETO200SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO24SX ETA-USA-ETO24SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO26SX ETA-USA-ETO26SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO28SX ETA-USA-ETO28SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
More results

Similar Description - ETOR421CTN392MEA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com