Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHD500E156M55A0T00 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # KHD500E156M55A0T00
Description  DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KHD500E156M55A0T00 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  KHD500E156M55A0T00 Datasheet HTML 1Page - United Chemi-Con, Inc. KHD500E156M55A0T00 Datasheet HTML 2Page - United Chemi-Con, Inc. KHD500E156M55A0T00 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
CAT. No. E1002I
?RATINGS
1.
-55 to +125C
Category Temperature Range
2.
16, 25, 50, 100, 250 Vdc
Rated Voltage Range
3.
0.1 to 680MF
Rated Capacitance Range
4.
M(P20%), Z(P
80%)
Rated Capacitance Tolerance
5.
6.
E(JIS)
Y5U(EIA)
See No.5 on the following table
Temperature Characteristics
Rated Ripple Current
20
?SPECIFICATIONS
Between
Terminals
No abnormality.
250% of rated voltage shall be applied for 5 seconds.
Withstand
Voltage
1
Terminals to
Coating Resin
3
Rated Capacitance
Within specified tolerance.
Temperature
: 20P2C
Frequency
: 1P0.1kHz(]100MF,120Hz)
Voltage
: 1P0.2Vrms
2
Insulation Resistance
1000/CR(MO) or 10000(MO)
whichever is less.
Rated voltage shall be applied for 60P5 seconds at
temperature 20P2C.
No.
Items
Specification
Test Condition
4
Dissipation Factor
5.0% maximum.
Temperature
: 20P2C
Frequency
: 1P0.1kHz(]100MF,120Hz)
Voltage
: 1P0.2Vrms
Radial Lead Type (Down sized)
?FEATURES
1. Small in size and wide capacitance range.
Max. 680MF is available.
2. Temperature characteristic is Y5U in EIA code.
3. Superior humidity characteristic and long life.
4. Excellent high frequency characteristic due to low ESR.
5. High rated ripple current.
6. 250Vdc items are available.
7. Resin(UL94 V-0) used for coating.
?APPLICATIONS
1. Smoothing circuit of switching mode AC-DC or DC-DC converter.
2. Noise suppressor for various kinds of equipments.
3. By-pass or decoupling circuits.
4. Automotive equipments.
?CONSTRUCTION
Coating Resin
Ceramic
Dielectric
Termination
Solder
Internal Electrode
Lead Wire
(1/3)


Similar Description - KHD500E156M55A0T00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com