Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54WS-V-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT54WS-V-GS08
Description  Small Signal Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54WS-V-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT54WS-V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAT54WS-V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAT54WS-V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAT54WS-V-GS08 Datasheet HTML 4Page - Vishay Siliconix BAT54WS-V-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85667
Rev. 1.5, 14-Nov-06
BAT54WS-V
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
2) Pulse test: t
p < 300 µs, θ < 2 %
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
tested with 100 µA pulses
V(BR)
30
V
Leakage current2)
VR = 25 V
IR
2µA
Forward voltage2)
IF = 0.1 mA
VF
240
mV
IF = 1 mA
VF
320
mV
IF = 10 mA
VF
400
mV
IF = 30 mA
VF
500
mV
IF = 100 mA
VF
800
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
10
pF
Reverse recovery time
IF = IR = 10 mA; IR = 1 mA; RL = 100 Ω
trr
5ns
Figure 1. Typical Forward Voltage Forward Current at Various
Temperatures
Figure 2. Typical Capacitance °C vs. Reverse Applied Voltage VR
18867
1000
100
10
1
0.1
0.01
0
0.4
0.6
1.2
1.4
0.8
1
0.2
VF - Forward Current (V)
= 125 °C
Tj
25 °C
- 40 °C
18868
10
14
12
2
4
0
0
4
12
16
20
24
28
VR - Reverse Voltage (V)
6
8
8
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
100
1000
10
1
0.1
0.01
510
15
20
025
30
VR - Reverse Voltage (V)
18869
= 125 °C
Tj
100 °C
75 °C
50 °C
25 C


Similar Part No. - BAT54WS-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54WS-V VISHAY-BAT54WS-V Datasheet
80Kb / 5P
   Small Signal Schottky Diode
Rev. 1.5, 05-Aug-10
BAT54WS-V VISHAY-BAT54WS-V Datasheet
66Kb / 4P
   Small Signal Schottky Diode
Rev. 1.5, 05-Aug-10
BAT54WS-V VISHAY-BAT54WS-V_10 Datasheet
80Kb / 5P
   Small Signal Schottky Diode
Rev. 1.5, 05-Aug-10
BAT54WS-V VISHAY-BAT54WS-V_12 Datasheet
66Kb / 4P
   Small Signal Schottky Diode
Rev. 1.5, 05-Aug-10
More results

Similar Description - BAT54WS-V-GS08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com