Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMQ3B1VSN821MR50S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMQ3B1VSN821MR50S
Description  Snap Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMQ3B1VSN821MR50S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMQ3B1VSN821MR50S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMQ3B1VSN821MR50S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/8
KMQ Series
The KMQ series is a snap-in capacitor series that offers downsized versions of the current
miniaturized KMM series. These capacitors have a rated lifetime of 2,000 hours at
105 C with the
rated ripple current applied. With high ripple current capability and higher CV per case size than the
KMM series, the KMQ capacitors are suitable for many downsized power supply circuits. The
standard KMQ capacitors have a 2-pin snap-in terminal style. The KMQ series is RoHS compliant
offering Pb -free construction and PET (polyester) sleeves with no end disk as the standard.
The standard KMQ series capacitors are not solvent proof. Refer to guidelines and precautions on the
website for usage and installation conditions recommended for United Chemi-Con products.
Snap Mount
Downsize
Large
Capacitance
RoHS
Compliant
105 C
Maximum
Temperature
PC board 2-pin snap-in terminals.
Capacitance range: 68 to 33,000µF.
Voltage range: 35, 50, 160 to 450VDC.
Category temperature range:
40 Cto
105 C for 35V and 50V;
25 Cto
105 C
for 160 to 450V.
Leakage current: 3 CV (µA) maximum after 5 minutes at
20 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 22
25mm to 35
50mm.
Rated lifetime: 2,000 hours at
105 C with the rated ripple current applied.
Summary of Specifications
KMQ SERIES
Engineering Bulletin Mar 07


Similar Part No. - EKMQ3B1VSN821MR50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ3B1VSN821MR50S CHEMI-CON-EKMQ3B1VSN821MR50S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMQ3B1VSN821MR50S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com