Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHD6031035JD Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # VHD6031035JD
Description  3.3V VCXO CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHD6031035JD Datasheet(HTML) 2 Page - Pletronics, Inc.

  VHD6031035JD Datasheet HTML 1Page - Pletronics, Inc. VHD6031035JD Datasheet HTML 2Page - Pletronics, Inc. VHD6031035JD Datasheet HTML 3Page - Pletronics, Inc. VHD6031035JD Datasheet HTML 4Page - Pletronics, Inc. VHD6031035JD Datasheet HTML 5Page - Pletronics, Inc. VHD6031035JD Datasheet HTML 6Page - Pletronics, Inc. VHD6031035JD Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
www.pletronics.com
425-776-1880
2
Part Number:
VHD6031035
E
G
500
100
-16.384M
-XX
Internal code or blank
Nominal Frequency in MHZ
Pullability in ppm (Vcontrol)
050 = +
_ 50 ppm
minimum
100 = +
_ 100 ppm minimum
Stability in ppm
000 = APR
500 = +
_ 50 ppm
250 = +
_ 25 ppm
Highest Specified Operating Temperature
A = +40
oC
F = +65
oC
L = +90
oC
B = +45
oC
G = +70
oC
M = +95
oC
C = +50
oC
H = +75
oC
N = +100
oC
D = +55
oC
J = +80
oC
P = +105
oC
E = +60
oC
K = +85
oC
Lowest Specified Operating Temperature
A = +10
oC
E = -10
oC
J = -30
oC
B = +5
oC
F = -15
oC
K = -35
oC
C = +0
oC
G = -20
oC
L = -40
oC
D = -5
oC
H = -25
oC
M = -45
oC
Series (Part Type, Logic & Package)
Part Marking:
PLE VHD6
FF.FFFM
C YMDXX
Legend:
P or PLE
= Pletronics
FF.FFFM
= Frequency in MHZ
YMD
= Date of Manufacture
xx
= Internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not
identified from the marking. External packaging labels and packing list will correctly identify the ordered
Pletronics part number.
Codes for Date Code YMD
Code
8
9
0
1
2
3
4
Year
2008
2009
2010
2011
2012
2013
2014
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
1314151617181920212223
24
Code
T
U
V
W
X
Y
Z
Day
25262728293031


Similar Part No. - VHD6031035JD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
VHD0690 PANASONIC-VHD0690 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD6031035JD

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
   3.3V CMOS 38.880MHz SONET VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
   3.3V CMOS 153.6MHz WiMAX VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
   3.3V CMOS 35.328MHz DSL VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
   3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
   3.3V CMOS 16.384MHz Telecom VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
   3.3V CMOS 125.000MHz Ethernet VCXO
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
   3.3V CMOS 25.000MHz Ethernet VCXO
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com