Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHD250E157M90C0B00 Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # KHD250E157M90C0B00
Description  DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KHD250E157M90C0B00 Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  KHD250E157M90C0B00 Datasheet HTML 1Page - United Chemi-Con, Inc. KHD250E157M90C0B00 Datasheet HTML 2Page - United Chemi-Con, Inc. KHD250E157M90C0B00 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
CAT. No. E1002I
?THD SERIES STANDARD RATINGS
Rated
voltage
(Vdc)
Part Number
Previous
Part Number
KHD160E685M32A0T00
KHD160E106M32A0T00
KHD160E156M43A0T00
KHD160E226M43A0T00
KHD160E336M55A0T00
KHD160E476M55A0T00
KHD160E686M76A0T00
KHD160E107M76A0T00
KHD160E157M80A0B00
KHD160E227M80A0B00
KHD160E337M90C0B00
KHD160E477M90C0B00
KHD160E687M99C0B00
KHD250E335M32A0T00
KHD250E475M32A0T00
KHD250E685M43A0T00
KHD250E106M43A0T00
KHD250E156M43A0T00
KHD250E226M55A0T00
KHD250E336M55A0T00
KHD250E476M76A0T00
KHD250E686M80A0B00
KHD250E107M80A0B00
KHD250E157M90C0B00
KHD250E227M90C0B00
KHD250E337M99C0B00
KHD250E477M99C0B00
KHD500E105M32A0T00
KHD500E155M32A0T00
KHD500E225M32A0T00
KHD500E335M43A0T00
KHD500E475M43A0T00
KHD500E685M55A0T00
KHD500E106M55A0T00
KHD500E156M55A0T00
KHD500E226M76A0T00
16
25
50
Rated
Cap.
(mF)
6.8
10
15
22
33
47
68
100
150
220
330
470
680
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
Dimensions (mm)
Lmax.
5.0
6.5
8.0
10.0
13.5
22.5
28.5
5.0
6.5
7.5
10.0
13.5
22.5
28.5
5.0
6.5
7.5
10.0
Wmax.
6.5
7.5
9.0
11.5
15.0
20.0
20.0
6.5
7.0
9.0
11.5
15.0
20.0
20.0
6.5
7.0
9.0
11.5
Tmax.
3.5
4.0
4.5
4.5
5.0
5.5
6
7.5
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.5
6.0
7.5
3.0
3.5
3.5
4.0
4.0
4.5
4.5
FP0.8
5.0
5.0
5.0
5.0
10.0
20.0
25.0
5.0
5.0
5.0
5.0
10.0
20.0
25.0
5.0
5.0
5.0
5.0
FdP0.05
Rated
voltage
(Vdc)
Part Number
Rated
Cap.
(mF)
Dimensions (mm)
Lmax.Wmax.Tmax.
FP0.8 FdP0.05
0.5
0.5
0.5
0.5
0.6
0.8
0.8
0.5
0.5
0.5
0.5
0.6
0.8
0.8
0.5
0.5
0.5
0.5
THD21E1C685MT
THD21E1C106MT
THD30E1C156MT
THD30E1C226MT
THD31E1C336MT
THD31E1C476MT
THD41E1C686MT
THD41E1C107MT
THD51E1C157M
THD51E1C227M
THD60E1C337M
THD60E1C477M
THD61E1C687M
THD21E1E335MT
THD21E1E475MT
THD30E1E685MT
THD30E1E106MT
THD30E1E156MT
THD31E1E226MT
THD31E1E336MT
THD41E1E476MT
THD51E1E686M
THD51E1E107M
THD60E1E157M
THD60E1E227M
THD61E1E337M
THD61E1E477M
THD21E1H105MT
THD21E1H155MT
THD21E1H225MT
THD30E1H335MT
THD30E1H475MT
THD31E1H685MT
THD31E1H106MT
THD31E1H156MT
THD41E1H226MT
KHD500E336M80A0B00
KHD500E476M90C0B00
KHD500E686M90C0B00
KHD500E107M90C0B00
KHD500E157M99C0B00
KHD500E227M99C0B00
KHD101E334M32A0T00
KHD101E474M32A0T00
KHD101E684M32A0T00
KHD101E105M43A0T00
KHD101E155M43A0T00
KHD101E225M43A0T00
KHD101E335M55A0T00
KHD101E475M55A0T00
KHD101E685M76A0T00
KHD101E106M80A0B00
KHD101E156M80A0B00
KHD101E226M90C0B00
KHD101E336M90C0B00
KHD101E476M99C0B00
KHD101E686M99C0B00
KHD101E107M99C0B00
KHD251E104M43A0T00
KHD251E154M43A0T00
KHD251E224M43A0T00
KHD251E334M43A0T00
KHD251E474M55A0T00
KHD251E684M55A0T00
KHD251E105M76A0T00
KHD251E155M76A0T00
KHD251E225M80A0B00
KHD251E335M90C0B00
KHD251E475M90C0B00
KHD251E685M99C0B00
KHD251E106M99C0B00
KHD251E156M99C0B00
50
100
250
33
47
68
100
150
220
0.3
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
13.5
22.5
28.5
5.0
6.5
7.5
10.0
13.5
22.5
28.5
6.5
7.5
10.0
13.5
22.5
28.5
15.0
20.0
20.0
6.5
7.0
9.0
11.5
15.0
20.0
20.0
7.0
9.0
11.5
15.0
20.0
20.0
5.0
6.0
7.5
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
6.0
7.5
3.5
4.0
4.0
4.5
4.5
5.0
6.0
7.5
10.0
20.0
25.0
5.0
5.0
5.0
5.0
10.0
20.0
25.0
5.0
5.0
5.0
10.0
20.0
25.0
0.6
0.8
0.8
0.5
0.5
0.5
0.5
0.6
0.8
0.8
0.5
0.5
0.5
0.6
0.8
0.8
THD51E1H336M
THD60E1H476M
THD60E1H686M
THD60E1H107M
THD61E1H157M
THD61E1H227M
THD21E2A334MT
THD21E2A474MT
THD21E2A684MT
THD30E2A105MT
THD30E2A155MT
THD30E2A225MT
THD31E2A335MT
THD31E2A475MT
THD41E2A685MT
THD51E2A106M
THD51E2A156M
THD60E2A226M
THD60E2A336M
THD61E2A476M
THD61E2A686M
THD61E2A107M
THD30E2E104MT
THD30E2E154MT
THD30E2E224MT
THD30E2E334MT
THD31E2E474MT
THD31E2E684MT
THD41E2E105MT
THD41E2E155MT
THD51E2E225M
THD60E2E335M
THD60E2E475M
THD61E2E685M
THD61E2E106M
THD61E2E156M
(Just for your reference)
Previous
Part Number
(Just for your reference)
?DIMENSIONS (mm)
Crimped lead
32K76 size
Straight lead
For all size
L
F
T
d
L
F
T
d
(3/3)


Similar Description - KHD250E157M90C0B00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com