Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTACC631V106SULWZ0 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # FTACC631V106SULWZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FTACC631V106SULWZ0 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  FTACC631V106SULWZ0 Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
@Maximum operating temperature 105C.
@Allowable temperature rise 15K max.
@Large capacitance of TACB series.
?SPECIFICATIONS
?DIMENSIONS (mm)
?STANDARD RATINGS
W+3.5 max.
T+2.0max.
FdP0.05
MARKING
FP1.0
Category temperature range
Rated voltage range
Capacitance tolerance
Voltage proof
(Terminal - Terminal)
Dissipation factor
(tanE)
Insulation resistance
(Terminal - Terminal)
Endurance
Loading under damp
heat
Items
Characteristics
450
100
630
500
800
500
1000
500
-40 to +105C
450 to 1000Vdc
P5% (J) or P10%(K)
No degradation, at 150% of rated voltage shall be applied for 60 seconds.
No more than 0.05% : Equal or less than 1MF.
No more than (cB0.015+0.05)% : More than 1MF.
No less than 30000MO : Equal or less than 0.33MF.
No less than 10000OF : More than 0.33MF.
Rated voltage (Vdc)
Measurement voltage (Vdc)
The following specifications shall be satisfied, after 1000hrs with applying rated voltageB125% at 85C.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
The following specifications shall be satisfied, after 500hrs with applying rated voltage at 40C 90K95%RH.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
No serious degradation
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
No more than initial specification at 1kHz.
Within P5% of initial value.
No serious degradation.
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
No more than initial specification at 1kHz.
Within P5% of initial value.
450
630
800
1000
TACC2W565S
TACC2W685S
TACC2W825S
TACC2W106S
TACC2W126S
TACC2W156S
TACC2W186S
TACC2J335S
TACC2J395S
TACC2J475S
TACC2J565S
TACC2J685S
TACC2J825S
TACC2J106S
TACC2K225S
TACC2K275S
TACC2K335S
TACC2K395S
TACC2K475S
TACC2K565S
TACC2K685S
TACC3A105S
TACC3A125S
TACC3A155S
TACC3A185S
TACC3A225S
TACC3A275S
5.6
6.8
8.2
10
12
15
18
3.3
3.9
4.7
5.6
6.8
8.2
10
2.2
2.7
3.3
3.9
4.7
5.6
6.8
1.0
1.2
1.5
1.8
2.2
2.7
33.2
43.2
53.2
33.2
43.2
53.2
33.2
43.2
53.2
33.2
43.2
53.2
21.0
22.9
25.0
27.4
25.7
28.5
27.4
21.5
23.2
25.2
27.4
25.8
28.0
27.3
21.9
24.0
26.3
28.5
26.8
25.7
28.0
23.4
25.5
28.2
26.4
25.8
28.2
20.0
21.9
23.8
26.1
24.5
27.1
26.1
20.4
22.1
24.0
26.1
24.6
26.7
26.0
20.8
22.9
25.1
27.1
25.5
24.5
26.7
22.3
24.3
26.9
25.2
24.6
26.9
27.5
37.5
47.5
27.5
37.5
47.5
27.5
37.5
47.5
27.5
37.5
47.5
1.0
1.0
1.0
1.0
7.0
7.7
8.5
9.4
7.5
8.4
7.3
5.6
6.1
6.7
7.3
5.9
6.5
5.6
4.5
5.0
5.6
6.0
4.9
4.2
4.6
3.9
4.2
4.7
3.8
3.3
3.7
115
150
175
200
FTACC451V565SRLFZ0
FTACC451V685SRLFZ0
FTACC451V825SRLFZ0
FTACC451V106SRLFZ0
FTACC451V126STLJZ0
FTACC451V156STLJZ0
FTACC451V186SULWZ0
FTACC631V335SRLFZ0
FTACC631V395SRLFZ0
FTACC631V475SRLFZ0
FTACC631V565SRLFZ0
FTACC631V685STLJZ0
FTACC631V825STLJZ0
FTACC631V106SULWZ0
FTACC801V225SRLFZ0
FTACC801V275SRLFZ0
FTACC801V335SRLFZ0
FTACC801V395SRLFZ0
FTACC801V475STLJZ0
FTACC801V565SULWZ0
FTACC801V685SULWZ0
FTACC102V105SRLFZ0
FTACC102V125SRLFZ0
FTACC102V155SRLFZ0
FTACC102V185STLJZ0
FTACC102V225SULWZ0
FTACC102V275SULWZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The symbol “S” is Capacitance tolerance code. (J : P5%, K : P10%)
(2)The maximum ripple current : +85C max., 100kHz, sine wave
(3)WV(Vac) : 50Hz or 60Hz, sine wave
(1/1)


Similar Part No. - FTACC631V106SULWZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V105SDLCZ0 CHEMI-CON-FTACB251V105SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V106SFLEZ0 CHEMI-CON-FTACB251V106SFLEZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V125SHLGZ0 CHEMI-CON-FTACB251V125SHLGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V126SFLEZ0 CHEMI-CON-FTACB251V126SFLEZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V155SHLGZ0 CHEMI-CON-FTACB251V155SHLGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
More results

Similar Description - FTACC631V106SULWZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com