Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMH250VSN562MP25T Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKMH250VSN562MP25T
Description  Standard Voltage Ratings - Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH250VSN562MP25T Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKMH250VSN562MP25T Datasheet HTML 1Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 2Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 3Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH250VSN562MP25T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Item
Category Temperature Range
40 to 105 C for 6.3 to 100VDC;
25 to 105 C for 160 to 450VDC
Characteristics
KMH Specifications - Snap Mount
Rated Voltage Range
6.3 to 450VDC
Capacitance Range
47 to 220,000 F
Capacitance Tolerance
20% ( M ) at
20 C, 120Hz
Leakage Current
I
0.02CV ( A ) or 3mA, whichever is smaller, after 5 minutes at
20 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Dissipation Factor ( Tan )At
20 C, 120Hz
*0.15 maximum for 35mm and 40mm diameter or 20mm in length.
† For rated voltages
≤ 63V, values are not valid for case sizes >35mm in diameter or >50mm in length.
Rated Voltage ( V )
Tan
( DF ) Max.†
6.3
0.60
10
0.50
16
0.40
25
0.30
35
0.25
50
0.20
63 -100
0.15
160 - 250
*0.10*
315 - 450
0.15
Low Temperature
Characteristics
At 120Hz, impedance ( Z ) ratio between the
25 C or
40 C value and
20 C value shall not
exceed the values given below.
Rated Voltage ( V )
Z( 25 C) / Z ( 20 C)
Z( 40 C) / Z ( 20 C)
6.3 -16
4
15
25
3
10
35
3
8
50, 63
2
6
80, 100
2
5
160 - 400
4
450
8
Rated Ripple Current Multipliers
Ambient Temperature ( C)
45 C
2.64
60 C
2.23
70 C
2.12
85 C
1.73
105 C
1.00
Frequency (Hz )
DC Rated Voltage
6.3 -50V
63 -100V
160 - 250V
315-450V
50Hz
0.95
0.92
0.81
0.77
120Hz
1.00
1.00
1.00
1.00
300Hz
1.03
1.07
1.17
1.16
1kHz
1.05
1.13
1.32
1.30
10kHz
1.08
1.19
1.45
1.41
100kHz
1.08
1.20
1.50
1.43
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
20 C after
exposing them for 1,000 hours at
105 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 150% of initial specified value
Leakage current
:
≤ initial specified value
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
20 C after
subjecting them to DC voltage for 2,000 hours at
105 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 200% of initial specified value
Leakage current
:
≤ initial specified value
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/ 15
KMH Series
Engineering Bulletin Mar 07


Similar Part No. - EKMH250VSN562MP25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH250VSN CHEMI-CON-EKMH250VSN Datasheet
183Kb / 15P
   Snap Mount
More results

Similar Description - EKMH250VSN562MP25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com