Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMR251VSN122MR45S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMR251VSN122MR45S
Description  Aluminum Electrolytic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMR251VSN122MR45S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMR251VSN122MR45S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMR251VSN122MR45S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMR251VSN122MR45S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NIPPON CHEMI-CON CORPORATION
1301
Specifications in this bulletin are subject to change without notice.
1
Engineering Bulletin
Aluminum Electrolytic Capacitor
Downsized, Snap-ins, 105C
No.761A / Apr.2005
Tentative
@Downsized 5mm in height from current snap-ins KMQ series
@Max. 50% up ripple current than same case size of KMQ series
@Endurance : 105C 2,000hrs with ripple current
@Rated voltage range : 160 to 450wv, Capacitance range : 100 to 3900MF
@For inverter control, switching power supply
@Non solvent-proof type
@RoHS Compliant
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 5 minutes)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +105C
160 to 450Vdc
P20% (M)
I[3 CV
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 2000 hours at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Capacitance change
[P15% of the initial value
D.F. (tanE)
[150% of the initial specified value
Leakage current
[The initial specified value
Characteristics
160 to 250V
0.15
160 to 250V
4
315 to 400V
0.15
315 to 400V
8
420 & 450V
0.20
420 & 450V
8
?DIMENSIONS [mm]
@Terminal Code : VS (F22 to F35) : Standard
4.0P0.5
Vent
Sleeve (PET)
LP2
Negative mark
PC board pin-out
2-F2
@Terminal Code : LI (F35)
Sleeve (PET)
Vent
4.5P1
LP2
Negative mark
PC board pin-out
2-1.2B6
5P0.5
14.2P1
?PART NUMBERING SYSTEM
No plastic disk is the standard design.
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 100MF:101, 3,900MF:392)
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 160V:161, 315V:3B1, 450V:451)
Series code
Category
E K M R A A A V S N A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14


Similar Part No. - EKMR251VSN122MR45S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMR201 CHEMI-CON-EKMR201 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR201VSN102MP50S CHEMI-CON-EKMR201VSN102MP50S Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR201VSN102MQ40S CHEMI-CON-EKMR201VSN102MQ40S Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR201VSN102MR30S CHEMI-CON-EKMR201VSN102MR30S Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR201VSN122MA25S CHEMI-CON-EKMR201VSN122MA25S Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
More results

Similar Description - EKMR251VSN122MR45S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com