Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLB7029036LK000050 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # VLB7029036LK000050
Description  3.3 V LVDS VCXO Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VLB7029036LK000050 Datasheet(HTML) 1 Page - Pletronics, Inc.

  VLB7029036LK000050 Datasheet HTML 1Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 2Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 3Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 4Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 5Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 6Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 7Page - Pletronics, Inc. VLB7029036LK000050 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
VLB7 Series 3.3 V
LVDS VCXO Oscillators
December 2007
• Pletronics’ VLB7 Series is a voltage - quartz
crystal controlled precision square wave
generator with a LVDS output.
• Tape and Reel or cut tape packaging.
• 10.9 MHz to 670 MHz
• Enable/Disable Function on pad 2
• Output frequency is synthesized.
• Low Jitter
• RoHS 6/6 Compliant
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 2.18 grams or .82 grams or 1.51 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +4.6V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
I
O
Output Current
-50mA
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 30 to 50
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - VLB7029036LK000050

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VLB70-12F ASI-VLB70-12F Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
VLB70-12S ASI-VLB70-12S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
TDK Electronics
VLB7050HT-R09M TDK-VLB7050HT-R09M Datasheet
106Kb / 9P
   Wound Ferrite
VLB7050HT-R11M TDK-VLB7050HT-R11M Datasheet
106Kb / 9P
   Wound Ferrite
VLB7050HT-R15M TDK-VLB7050HT-R15M Datasheet
106Kb / 9P
   Wound Ferrite
More results

Similar Description - VLB7029036LK000050

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
   3.3 V LVDS VCXO Oscillators
VPB7029036EG000050 PLETRONICS-VPB7029036EG000050 Datasheet
162Kb / 8P
   3.3 V PECL VCXO Oscillators
logo
ECS, Inc.
ECS-VXO-143 ECS-ECS-VXO-143 Datasheet
106Kb / 1P
   3.3 V VCXO
ECS-VXO-143X ECS-ECS-VXO-143X Datasheet
182Kb / 1P
   3.3 V VCXO
logo
MTRONPTI
MPV3 MTRONPTI-MPV3 Datasheet
259Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3J MTRONPTI-MPV3J Datasheet
265Kb / 1P
   9x14 mm, 3.3 Volt, PECL/LVDS, VCXO
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV MTRONPTI-UVV_07 Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3 MTRONPTI-MPV3_06 Datasheet
277Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV MTRONPTI-UVV Datasheet
284Kb / 1P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com