Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM221VSN331MQ25T Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # EKMM221VSN331MQ25T
Description  Standard Voltage Ratings - Snap Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMM221VSN331MQ25T Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  EKMM221VSN331MQ25T Datasheet HTML 1Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 2Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 3Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMM221VSN331MQ25T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
160 Volts
200 Volts Surge
180 Volts
225 Volts Surge
KMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/12
180
EKMM161VSN181MN20T
20
20
N20
1.381
0.68
220
EKMM161VSN221MN25T
20
25
N25
1.13
0.85
270
EKMM161VSN271MN25T
20
25
N25
0.921
1.1
330
EKMM161VSN331MN30T
20
30
N30
0.753
1.2
390
EKMM161VSN391MN30T
20
30
N30
0.638
1.3
470
EKMM161VSN471MN35T
20
35
N35
0.529
1.34
560
EKMM161VSN561MN40T
20
40
N40
0.444
1.5
680
EKMM161VSN681MN45T
20
45
N45
0.366
1.7
220
EKMM161VSN221MP20T
22
20
P20
1.13
0.81
330
EKMM161VSN331MP25T
22
25
P25
0.753
1.2
390
EKMM161VSN391MP30T
22
30
P30
0.638
1.3
470
EKMM161VSN471MP30T
22
30
P30
0.529
1.55
560
EKMM161VSN561MP35T
22
35
P35
0.444
1.67
680
EKMM161VSN681MP40T
22
40
P40
0.366
1.82
820
EKMM161VSN821MP45T
22
45
P45
0.303
2.04
1,000
EKMM161VSN102MP50T
22
50
P50
0.249
2.25
270
EKMM161VSN271MQ20T
25.4
20
Q20
0.921
0.98
330
EKMM161VSN331MQ20T
25.4
20
Q20
0.753
1.02
390
EKMM161VSN391MQ25T
25.4
25
Q25
0.638
1.26
470
EKMM161VSN471MQ25T
25.4
25
Q25
0.529
1.55
560
EKMM161VSN561MQ30T
25.4
30
Q30
0.444
1.67
680
EKMM161VSN681MQ30T
25.4
30
Q30
0.366
1.82
820
EKMM161VSN821MQ35T
25.4
35
Q35
0.303
2.04
1,000
EKMM161VSN102MQ40T
25.4
40
Q40
0.249
2.25
1,200
EKMM161VSN122MQ45T
25.4
45
Q45
0.207
2.49
1,500
EKMM161VSN152MQ60T
25.4
60
Q60
0.166
2.97
390
EKMM161VSN391MR20T
30
20
R20
0.638
1.25
470
EKMM161VSN471MR20T
30
20
R20
0.529
1.3
560
EKMM161VSN561MR25T
30
25
R25
0.444
1.67
680
EKMM161VSN681MR25T
30
25
R25
0.366
1.82
820
EKMM161VSN821MR30T
30
30
R30
0.303
2.04
1,000
EKMM161VSN102MR30T
30
30
R30
0.249
2.25
1,200
EKMM161VSN122MR35T
30
35
R35
0.207
2.49
1,500
EKMM161VSN152MR40T
30
40
R40
0.166
2.84
1,800
EKMM161VSN182MR45T
30
45
R45
0.138
3.32
2,200
EKMM161VSN222MR60T
30
60
R60
0.113
3.86
560
EKMM161VSN561MA20T
35
20
A20
0.444
1.46
680
EKMM161VSN681MA20T
35
20
A20
0.366
1.51
820
EKMM161VSN821MA25T
35
25
A25
0.303
2.04
1,000
EKMM161VSN102MA25T
35
25
A25
0.249
2.25
1,200
EKMM161VSN122MA30T
35
30
A30
0.207
2.49
1,500
EKMM161VSN152MA35T
35
35
A35
0.166
2.84
1,800
EKMM161VSN182MA35T
35
35
A35
0.138
3.0
2,200
EKMM161VSN222MA45T
35
45
A45
0.113
3.5
2,700
EKMM161VSN272MA50T
35
50
A50
0.092
4.0
3,300
EKMM161VSN332MA60T
35
60
A60
0.075
4.63
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
Engineering Bulletin Mar 07
150
EKMM181VSN151MP20T
20
20
N20
1.658
0.62
180
EKMM181VSN181MN25T
20
25
N25
1.381
0.77
220
EKMM181VSN221MN25T
20
25
N25
1.13
1.0
270
EKMM181VSN271MN30T
20
30
N30
0.921
1.1
330
EKMM181VSN331MN30T
20
30
N30
0.753
1.2
390
EKMM181VSN391MN35T
20
35
N35
0.638
1.3
470
EKMM181VSN471MN40T
20
40
N40
0.529
1.4
560
EKMM181VSN561MN45T
20
45
N45
0.444
1.55
680
EKMM181VSN681MN50T
20
50
N50
0.366
1.75
180
EKMM181VSN181MP20T
22
20
P20
1.381
0.8
270
EKMM181VSN271MP25T
22
25
P25
0.921
1.0
330
EKMM181VSN331MP30T
22
30
P30
0.753
1.2
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM221VSN331MQ25T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMM221VSN331MQ25T ETC2-EKMM221VSN331MQ25T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
More results

Similar Description - EKMM221VSN331MQ25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN123MP25T CHEMI-CON-EKMH6R3VSN123MP25T Datasheet
180Kb / 15P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com