Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA4029036D Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # TCA4029036D
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCA4029036D Datasheet(HTML) 6 Page - Pletronics, Inc.

  TCA4029036D Datasheet HTML 1Page - Pletronics, Inc. TCA4029036D Datasheet HTML 2Page - Pletronics, Inc. TCA4029036D Datasheet HTML 3Page - Pletronics, Inc. TCA4029036D Datasheet HTML 4Page - Pletronics, Inc. TCA4029036D Datasheet HTML 5Page - Pletronics, Inc. TCA4029036D Datasheet HTML 6Page - Pletronics, Inc. TCA4029036D Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TCA4 Series
TCVCXO Oscillator
Feb 2006
www.pletronics.com
425-776-1880
6
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
16 mm
12.1
14.25
7.5 +
_0.1
8.0 +
_0.1
8.0
16.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.0
mm
---
---
24.4
+2.0
-0.0
24.0
mm
---
---
32.4
+2.0
-0.0
32.0
Reel dimensions may vary from the above


Similar Part No. - TCA4029036D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4307 TI-TCA4307 Datasheet
1Mb / 26P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
TCA4307 TI1-TCA4307 Datasheet
1Mb / 29P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
REVISED NOVEMBER 2023
TCA4307DGKR TI-TCA4307DGKR Datasheet
1Mb / 26P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
TCA4307DGKR TI1-TCA4307DGKR Datasheet
1Mb / 29P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
REVISED NOVEMBER 2023
TCA4307DRGR TI1-TCA4307DRGR Datasheet
1Mb / 29P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
REVISED NOVEMBER 2023
More results

Similar Description - TCA4029036D

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com