Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMV-160ADA470MF55G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EMV-160ADA470MF55G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMV-160ADA470MF55G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EMV-160ADA470MF55G Datasheet HTML 1Page - United Chemi-Con, Inc. EMV-160ADA470MF55G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Standard, 85C
CAT. No. E1001E
?STANDARD RATINGS
WV
(Vdc)
Cap
(mF)
Size code
tane
Rated ripple
current
(mArms/
85c,120Hz)
Part No.
4
22
B55
0.42
14
EMV-4R0ADA220MB55G
33
D55
0.42
23
EMV-4R0ADA330MD55G
47
D55
0.42
27
EMV-4R0ADA470MD55G
68
E55
0.42
38
EMV-4R0ADA680ME55G
100
E55
0.42
46
EMV-4R0ADA101ME55G
220
F55
0.42
74
EMV-4R0ADA221MF55G
6.3
15
B55
0.27
14.5
EMV-6R3ADA150MB55G
22
B55
0.27
17.5
EMV-6R3ADA220MB55G
22
D55
0.24
23
EMV-6R3ADA220MD55G
47
E55
0.24
38
EMV-6R3ADA470ME55G
100
F55
0.24
60
EMV-6R3ADA101MF55G
330
H63
0.40
190
EMV-6R3ADA331MH63G
470
HA0
0.40
265
EMV-6R3ADA471MHA0G
1000
JA0
0.40
400
EMV-6R3ADA102MJA0G
10
10
B55
0.23
12.8
EMV-100ADA100MB55G
15
D55
0.20
20
EMV-100ADA150MD55G
33
E55
0.20
35
EMV-100ADA330ME55G
68
F55
0.20
54
EMV-100ADA680MF55G
100
F60
0.20
70
EMV-100ADA101MF60G
220
H63
0.30
175
EMV-100ADA221MH63G
16
6.8
B55
0.19
11.6
EMV-160ADA6R8MB55G
10
B55
0.19
14
EMV-160ADA100MB55G
10
D55
0.16
17
EMV-160ADA100MD55G
15
E55
0.16
26
EMV-160ADA150ME55G
22
E55
0.16
32
EMV-160ADA220ME55G
47
F55
0.16
50
EMV-160ADA470MF55G
68
F60
0.16
78
EMV-160ADA680MF60G
220
HA0
0.26
215
EMV-160ADA221MHA0G
330
HA0
0.26
270
EMV-160ADA331MHA0G
470
JA0
0.26
330
EMV-160ADA471MJA0G
25
4.7
B55
0.16
10.5
EMV-250ADA4R7MB55G
6.8
D55
0.14
16
EMV-250ADA6R8MD55G
33
F55
0.14
45
EMV-250ADA330MF55G
47
F60
0.14
65
EMV-250ADA470MF60G
68
H63
0.16
115
EMV-250ADA680MH63G
100
H63
0.16
145
EMV-250ADA101MH63G
330
JA0
0.16
305
EMV-250ADA331MJA0G
35
2.2
B55
0.14
7.7
EMV-350ADA2R2MB55G
3.3
B55
0.14
9.4
EMV-350ADA3R3MB55G
4.7
D55
0.12
15
EMV-350ADA4R7MD55G
6.8
E55
0.12
20
EMV-350ADA6R8ME55G
10
E55
0.12
25
EMV-350ADA100ME55G
15
F55
0.12
33
EMV-350ADA150MF55G
22
F55
0.12
40
EMV-350ADA220MF55G
33
F60
0.12
55
EMV-350ADA330MF60G
47
H63
0.14
105
EMV-350ADA470MH63G
68
HA0
0.14
157
EMV-350ADA680MHA0G
100
HA0
0.14
175
EMV-350ADA101MHA0G
220
JA0
0.14
265
EMV-350ADA221MJA0G
WV
(Vdc)
Cap
(mF)
Size code
tane
Rated ripple
current
(mArms/
85c,120Hz)
Part No.
50
0.10
B55
0.12
1.0
EMV-500ADAR10MB55G
0.10
D55
0.10
1.3
EMV-500ADAR10MD55G
0.15
B55
0.12
2.0
EMV-500ADAR15MB55G
0.15
D55
0.10
2.0
EMV-500ADAR15MD55G
0.22
B55
0.12
2.0
EMV-500ADAR22MB55G
0.22
D55
0.10
2.9
EMV-500ADAR22MD55G
0.33
B55
0.12
3.0
EMV-500ADAR33MB55G
0.33
D55
0.10
3.5
EMV-500ADAR33MD55G
0.47
B55
0.12
3.8
EMV-500ADAR47MB55G
0.47
D55
0.10
4.2
EMV-500ADAR47MD55G
0.68
B55
0.12
4.6
EMV-500ADAR68MB55G
0.68
D55
0.10
5.1
EMV-500ADAR68MD55G
1.0
B55
0.12
5.6
EMV-500ADA1R0MB55G
1.0
D55
0.10
6.2
EMV-500ADA1R0MD55G
1.5
B55
0.12
6.9
EMV-500ADA1R5MB55G
1.5
D55
0.10
7.5
EMV-500ADA1R5MD55G
2.2
B55
0.12
8.3
EMV-500ADA2R2MB55G
2.2
D55
0.10
10
EMV-500ADA2R2MD55G
3.3
D55
0.10
14
EMV-500ADA3R3MD55G
4.7
E55
0.10
19
EMV-500ADA4R7ME55G
6.8
F55
0.10
24
EMV-500ADA6R8MF55G
10
F55
0.10
29
EMV-500ADA100MF55G
15
F60
0.10
32
EMV-500ADA150MF60G
22
F60
0.10
45
EMV-500ADA220MF60G
33
H63
0.12
95
EMV-500ADA330MH63G
47
HA0
0.12
140
EMV-500ADA470MHA0G
68
JA0
0.12
170
EMV-500ADA680MJA0G
100
JA0
0.12
195
EMV-500ADA101MJA0G
63
0.10
D55
0.12
1.3
EMV-630ADAR10MD55G
0.15
D55
0.12
2.0
EMV-630ADAR15MD55G
0.22
D55
0.12
2.9
EMV-630ADAR22MD55G
0.33
D55
0.12
3.5
EMV-630ADAR33MD55G
0.47
D55
0.12
4.2
EMV-630ADAR47MD55G
0.68
D55
0.12
5.1
EMV-630ADAR68MD55G
1.0
D60
0.12
7.0
EMV-630ADA1R0MD60G
1.5
D60
0.12
8.4
EMV-630ADA1R5MD60G
2.2
D60
0.12
10
EMV-630ADA2R2MD60G
3.3
D60
0.12
13
EMV-630ADA3R3MD60G
4.7
F60
0.12
18.5
EMV-630ADA4R7MF60G
6.8
F60
0.12
21
EMV-630ADA6R8MF60G
10
HA0
0.12
46
EMV-630ADA100MHA0G
15
HA0
0.12
52
EMV-630ADA150MHA0G
22
HA0
0.12
69
EMV-630ADA220MHA0G
33
HA0
0.12
85
EMV-630ADA330MHA0G
47
HA0
0.12
101
EMV-630ADA470MHA0G
68
JA0
0.12
125
EMV-630ADA680MJA0G
(2/2)


Similar Part No. - EMV-160ADA470MF55G

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMV14GT EUROQUARTZ-EMV14GT Datasheet
142Kb / 1P
   HCMOS 14 pin DIL, V Group
EMV14T EUROQUARTZ-EMV14T Datasheet
136Kb / 1P
   HCMOS 14 pin DIL, V Group
EMV15GT EUROQUARTZ-EMV15GT Datasheet
142Kb / 1P
   HCMOS 14 pin DIL, V Group
EMV15T EUROQUARTZ-EMV15T Datasheet
137Kb / 1P
   HCMOS 14 pin DIL, V Group
EMV38GT EUROQUARTZ-EMV38GT Datasheet
346Kb / 1P
   HCMOS 14 pin DIL compatible, V Group
More results

Similar Description - EMV-160ADA470MF55G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com