Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD250B226M55A0T00 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # KTD250B226M55A0T00
Description  Thru-Hole Type Multilayer Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KTD250B226M55A0T00 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  KTD250B226M55A0T00 Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Engineering Bulletin
No. EBC041001 / July 2005, MKudo
Specifications are subject to change without notice.
NIPPON CHEMI-CON CORP./UNITED CHEMI-CON, INC.
X7R, Thru-Hole Type Multilayer Ceramic Capacitors
NTD Series
SPECIFICATIONS
Operating temperature range: -55 to +125
°C
Rated voltage range: 25Vdc, 50Vdc and 100Vdc
Rated capacitance range: 25Vdc; 3.3 to 22
µF
50Vdc; 1.0 to 10
µF
100Vdc; 0.33 to 4.7
µF
Capacitance tolerance: M (±20%)
Temperature characteristics: X7R (EIA)
RATINGS and SIZES
Dimensions (mm)
New Part No.
Voltage
(Vdc)
Cap.
(
µF)
L max. W max. T max. F±0.8
Ref. old part No.
KTD250B335M32A0T00
3.3
NTD21X7R1E335M
KTD250B475M32A0T00
4.7
5.0
6.0
3.5
5.0
NTD21X7R1E475M
KTD250B685M43A0T00
6.8
NTD30X7R1E685M
KTD250B106M43A0T00
10
6.5
6.5
4.0
5.0
NTD30X7R1E106M
KTD250B156M55A0T00
15
NTD31X7R1E156M
KTD250B226M55A0T00
25
22
7.5
9.0
4.5
5.0
NTD31X7R1E226M
KTD500B105M32A0T00
1.0
NTD21X7R1H105M
KTD500B155M32A0T00
1.5
NTD21X7R1H155M
KTD500B225M32A0T00
2.2
5.0
6.0
3.5
5.0
NTD21X7R1H225M
KTD500B335M43A0T00
3.3
NTD30X7R1H335M
KTD500B475M43A0T00
4.7
6.5
6.5
4.0
5.0
NTD30X7R1H475M
KTD500B685M55A0T00
6.8
NTD31X7R1H685M
KTD500B106M55A0T00
50
10
7.5
9.0
4.5
5.0
NTD31X7R1H106M
KTD101B334M32A0T00
0.33
NTD21X7R2A334M
KTD101B474M32A0T00
0.47
NTD21X7R2A474M
KTD101B684M32A0T00
0.68
NTD21X7R2A684M
KTD101B105M32A0T00
1.0
5.0
6.0
3.5
5.0
NTD21X7R2A105M
KTD101B155M43A0T00
1.5
NTD30X7R2A155M
KTD101B225M43A0T00
2.2
6.5
6.5
4.0
5.0
NTD30X7R2A225M
KTD101B335M55A0T00
3.3
NTD31X7R2A335M
KTD101B475M55A0T00
100
4.7
7.5
9.0
4.5
5.0
NTD31X7R2A475M
FEATURES
Large capacitance by small size
Excellent noise absorption
High permissible ripple current capability
Lead-free dielectric and terminations
Resin (UL94 V-0) used for coating
Rated Ripple Current
Size code:
32
43
55
Ripple current:
0.3Arms 0.8Arms
1.0Arms
APPLICATIONS
Smoothing circuits of DC-DC converters
On-board power supplies
Voltage regulators for computers
Noise suppressors for various kinds of equipments
High reliability equipment
NEW PART NUMBERING SYSTEM
K TD
101
B 225
M
43
A0
T 00
(1) (2)
(3)
(4)
(5)
(6)
(7)
(8)
(9) (10)
(6) Capacitance tolerance: M=±20%
(7) Size code: 43=L(6.5)×W(6.5)
(8) Terminal code: A0= Straight Leads
(9) Taping code: T= Taping, B= Bulk
(10) Supplement code: 00= Standards
(1) Category: K=Multilayer Ceramic Capacitors
(2) Series code: TD=NTD Series
(3) Rated voltage code: 101=100Vdc
(4) Temperature characteristics code: B=X7R
(5) Rated capacitance code: 225=2.2µF


Similar Part No. - KTD250B226M55A0T00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD250B226M55A0T00 CHEMI-CON-KTD250B226M55A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD250B226M55A0T00 CHEMI-CON-KTD250B226M55A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD250B226M55A0T00 CHEMI-CON-KTD250B226M55A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD250B226M55A0T00 CHEMI-CON-KTD250B226M55A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - KTD250B226M55A0T00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C2R2CT TDK-C0402C0G1C2R2CT Datasheet
577Kb / 34P
   Chip type multilayer ceramic capacitors
logo
Panasonic Semiconductor
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
logo
Taiyo Yuden (U.S.A.), I...
TMK042CG6R2BD-W TAIYO-YUDEN-TMK042CG6R2BD-W Datasheet
394Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG7R6DD-W TAIYO-YUDEN-TMK042CG7R6DD-W Datasheet
394Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG7R7BD-W TAIYO-YUDEN-TMK042CG7R7BD-W Datasheet
394Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG7R9CD-W TAIYO-YUDEN-TMK042CG7R9CD-W Datasheet
394Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type)
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK042CG8R3DD-W TAIYO-YUDEN-TMK042CG8R3DD-W Datasheet
394Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG8R4BD-W TAIYO-YUDEN-TMK042CG8R4BD-W Datasheet
394Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com