Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMH160VSN273MQ50T Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # EKMH160VSN273MQ50T
Description  Standard Voltage Ratings - Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH160VSN273MQ50T Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

Back Button EKMH160VSN273MQ50T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 11Page - United Chemi-Con, Inc. EKMH160VSN273MQ50T Datasheet HTML 12Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
63 Volts
79 Volts Surge
50 Volts
63 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/15
KMH Series
1,200
EKMH630VSN122MP25T
22
25
P25
0.207
1.19
1,500
EKMH630VSN152MP25T
22
25
P25
0.166
1.33
1,800
EKMH630VSN182MP30T
22
30
P30
0.138
1.51
2,200
EKMH630VSN222MP35T
22
35
P35
0.113
1.73
2,700
EKMH630VSN272MP40T
22
40
P40
0.092
1.97
3,300
EKMH630VSN332MP50T
22
50
P50
0.075
2.29
1,800
EKMH630VSN182MQ25T
25.4
25
Q25
0.138
1.52
2,200
EKMH630VSN222MQ30T
25.4
30
Q30
0.113
1.74
2,700
EKMH630VSN272MQ35T
25.4
35
Q35
0.092
1.99
3,300
EKMH630VSN332MQ40T
25.4
40
Q40
0.075
2.27
3,900
EKMH630VSN392MQ45T
25.4
45
Q45
0.064
2.54
4,700
EKMH630VSN472MQ50T
25.4
50
Q50
0.053
2.86
2,700
EKMH630VSN272MR25T
30
25
R25
0.092
1.76
3,300
EKMH630VSN332MR30T
30
30
R30
0.075
2.24
3,900
EKMH630VSN392MR35T
30
35
R35
0.064
2.55
4,700
EKMH630VSN472MR40T
30
40
R40
0.053
2.86
5,600
EKMH630VSN562MR45T
30
45
R45
0.044
3.22
6,800
EKMH630VSN682MR50T
30
50
R50
0.037
3.65
3,300
EKMH630VSN332MA25T
35
25
A25
0.075
2.06
3,900
EKMH630VSN392MA25T
35
25
A25
0.064
2.24
4,700
EKMH630VSN472MA30T
35
30
A30
0.053
2.79
5,600
EKMH630VSN562MA35T
35
35
A35
0.044
3.19
6,800
EKMH630VSN682MA40T
35
40
A40
0.037
3.64
8,200
EKMH630VSN822MA45T
35
45
A45
0.03
3.9
10,000
EKMH630VSN103MA50T
35
50
A50
0.025
4.4
15,000
EKMH630VSN153MA63T
35
63
A63
0.014
4.88
18,000
EKMH630VSN183MA80T
35
80
A80
0.012
5.72
5,600
EKMH630VQT562MB25T
40
25
B25
0.038
2.45
8,200
EKMH630VQT822MB30T
40
30
B30
0.028
3.1
10,000
EKMH630VQT103MB35T
40
35
B35
0.026
3.56
12,000
EKMH630VQT123MB40T
40
40
B40
0.02
4.01
15,000
EKMH630VQT153MB50T
40
50
B50
0.016
4.77
18,000
EKMH630VQT183MB63T
40
63
B63
0.013
5.58
27,000
EKMH630VQT273MB80T
40
80
B80
0.010
7.43
3,900
EKMH500VSN392MQ35T
25.4
35
Q35
0.085
2.18
4,700
EKMH500VSN472MQ35T
25.4
35
Q35
0.071
2.39
5,600
EKMH500VSN562MQ40T
25.4
40
Q40
0.059
2.7
6,800
EKMH500VSN682MQ50T
25.4
50
Q50
0.049
3.3
3,900
EKMH500VSN392MR25T
30
25
R25
0.085
1.95
4,700
EKMH500VSN472MR30T
30
30
R30
0.071
2.25
5,600
EKMH500VSN562MR35T
30
35
R35
0.059
2.76
6,800
EKMH500VSN682MR40T
30
40
R40
0.049
3.3
8,200
EKMH500VSN822MR45T
30
45
R45
0.04
3.6
10,000
EKMH500VSN103MR50T
30
50
R50
0.033
4.04
4,700
EKMH500VSN472MA25T
35
25
A25
0.071
2.48
5,600
EKMH500VSN562MA25T
35
25
A25
0.059
2.7
6,800
EKMH500VSN682MA30T
35
30
A30
0.049
3.25
8,200
EKMH500VSN822MA35T
35
35
A35
0.04
3.55
10,000
EKMH500VSN103MA40T
35
40
A40
0.033
4.03
12,000
EKMH500VSN123MA45T
35
45
A45
0.028
4.55
18,000
EKMH500VSN183MA63T
35
63
A63
0.014
4.63
27,000
EKMH500VSN273MA80T
35
80
A80
0.011
6.06
8,200
EKMH500VQT822MB25T
40
25
B25
0.035
2.57
10,000
EKMH500VQT103MB30T
40
30
B30
0.027
2.97
12,000
EKMH500VQT123MB35T
40
35
B35
0.023
3.37
15,000
EKMH500VQT153MB40T
40
40
B40
0.019
3.89
22,000
EKMH500VQT223MB50T
40
50
B50
0.015
5.0
27,000
EKMH500VQT273MB63T
40
63
B63
0.012
5.92
39,000
EKMH500VQT393MB80T
40
80
B80
0.009
7.74
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH160VSN273MQ50T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH160VSN CHEMI-CON-EKMH160VSN Datasheet
183Kb / 15P
   Snap Mount
More results

Similar Description - EKMH160VSN273MQ50T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com