Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMQ161VSN821MQ30S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKMQ161VSN821MQ30S
Description  Snap Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMQ161VSN821MQ30S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKMQ161VSN821MQ30S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMQ161VSN821MQ30S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/8
KMQ Series
KMQ Specifications - Snap Mount
Item
Category Temperature Range
40 to 105 C for 35 and 50VDC;
25 to 105 C for 160 to 450VDC
Rated Voltage Range
35, 50, 160 to 450VDC
Capacitance Range
68 to 33,000 F
Capacitance Tolerance
20% ( M ) at
20 C, 120Hz
Leakage Current
I
≤ 3 CV ( A) after 5 minutes at 20 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Characteristics
Dissipation Factor ( Tan )At
20 C, 120Hz
Rated Ripple Current Multipliers
Frequency (Hz )
DC Rated Voltage
35V, 50V
160 - 250V
315-450V
50Hz
0.95
0.81
0.77
120Hz
1.00
1.00
1.00
300Hz
1.03
1.17
1.16
1kHz
1.05
1.32
1.30
10kHz
1.08
1.45
1.41
50kHz
1.08
1.50
1.43
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
20 C after
exposing them for 1,000 hours at
105 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 15% of initial measured value
Tan
(DF)
:
≤ 150% of initial specified value
Leakage current
:
≤ initial specified value
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
20 C after
subjecting them to DC voltage for 2,000 hours at
105 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 200% of initial specified value
Leakage current
:
≤ initial specified value
Engineering Bulletin Mar 07
Snap Mount
Type VSN Ø22~Ø35
VS Pin Dimensions
Unit: mm
Diagram of Dimensions - Snap Mount
W2
W1
W
P
Edge
of can
PET Sleeve
D
1
L
2
*Vent
See
Pin
Detail
10
2-2x
PC board pin-out
*Vent may be located either on the bottom or side of the can.
Type
VSN
P
4.0
0.5
W
1.5
0.2
W1
1.0
W2
1.0
Standard design does not have a plastic end disk.
Rated Voltage ( V )
Capacitance ( F)
Tan
( DF ) Max.
<10,000
0.30
≥10,000
0.35
<10,000
0.25
≥10,000
0.30
160 - 250
0.15
315 - 400
0.15
420, 450
0.20
35
50
Low Temperature
Characteristics
At 120Hz, impedance ( Z ) ratio between the
25 C or
40 C value and
20 C value shall not
exceed the values given below.
Rated Voltage ( V )
Z( 25 C) / Z ( 20 C)
Z( 40 C) / Z ( 20 C)
35, 50
10
4
160 - 250
4
315 - 400
8
420, 450
8


Similar Part No. - EKMQ161VSN821MQ30S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ161VSN821MQ30S CHEMI-CON-EKMQ161VSN821MQ30S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMQ161VSN821MQ30S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com